Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3238 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3238
Description  300mA MicroPower??High Performance LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3238 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3238 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3238 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AAT3238
300mA MicroPower™
High Performance LDO Linear Regulator
10
3238.2006.11.1.6
has very low ESR, is lower cost, has a smaller PCB
footprint, and is non-polarized. Line and load tran-
sient response of the LDO regulator is improved by
using low-ESR ceramic capacitors. Since ceramic
capacitors are non-polarized, they are not prone to
incorrect connection damage.
Equivalent Series Resistance: ESR is a very
important characteristic to consider when selecting
a capacitor. ESR is the internal series resistance
associated with a capacitor that includes lead
resistance, internal connections, size and area,
material composition, and ambient temperature.
Typically, capacitor ESR is measured in milliohms
for ceramic capacitors and can range to more than
several ohms for tantalum or aluminum electrolytic
capacitors.
Ceramic Capacitor Materials: Ceramic capaci-
tors less than 0.1µF are typically made from NPO
or C0G materials. NPO and C0G materials gener-
ally have tight tolerance and are very stable over
temperature. Larger capacitor values are usually
composed of X7R, X5R, Z5U, or Y5V dielectric
materials. These two material types are not recom-
mended for use with LDO regulators since the
capacitor tolerance can vary more than ±50% over
the operating temperature range of the device. A
2.2µF Y5V capacitor could be reduced to 1µF over
temperature; this could cause problems for circuit
operation. X7R and X5R dielectrics are much more
desirable.
The temperature tolerance of X7R
dielectric is better than ±15%.
Capacitor area is another contributor to ESR.
Capacitors that are physically large in size will have
a lower ESR when compared to a smaller sized
capacitor of an equivalent material and capaci-
tance value. These larger devices can improve cir-
cuit transient response when compared to an equal
value capacitor in a smaller package size.
Consult capacitor vendor datasheets carefully
when selecting capacitors for LDO regulators.
Enable Function
The AAT3238 features an LDO regulator enable/
disable function. This pin (EN) is active high and is
compatible with CMOS logic. To assure the LDO
regulator will switch on, the EN turn-on control level
must be greater than 1.5V. The LDO regulator will
go into the disable shutdown mode when the volt-
age on the EN pin falls below 0.6V. If the enable
function is not needed in a specific application, it
may be tied to VIN to keep the LDO regulator in a
continuously on state.
When the LDO regulator is in shutdown mode, an
internal 1.5k
Ω resistor is connected between VOUT
and GND. This is intended to discharge COUT when
the LDO regulator is disabled. The internal 1.5k
Ω
has no adverse effect on device turn-on time.
Short-Circuit Protection
The AAT3238 contains an internal short-circuit pro-
tection circuit that will trigger when the output load
current exceeds the internal threshold limit. Under
short-circuit conditions, the output of the LDO reg-
ulator will be current limited until the short-circuit
condition is removed from the output or the LDO
regulator package power dissipation exceeds the
device thermal limit.
Thermal Protection
The AAT3238 has an internal thermal protection cir-
cuit which will turn on when the device die temper-
ature exceeds 145°C. The internal thermal protec-
tion circuit will actively turn off the LDO regulator
output pass device to prevent the possibility of over-
temperature damage. The LDO regulator output
will remain in a shutdown state until the internal die
temperature falls back below the 145°C trip point.
The combination and interaction between the short-
circuit and thermal protection systems allow the
LDO regulator to withstand indefinite short-circuit
conditions without sustaining permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com