Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR.B Datasheet (PDF) - Texas Instruments

TXS0206AYFPR.B Datasheet PDF - Texas Instruments
Part # TXS0206AYFPR.B
Download  TXS0206AYFPR.B Download
File Size   532.3 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXS0206A SD Card Voltage-Translation Transceiver

TXS0206AYFPR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
TXS0206AYFPR.B Datasheet PDF - Texas Instruments

Part # TXS0206AYFPR.B
Download  TXS0206AYFPR.B Click to download

File Size   532.3 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXS0206A SD Card Voltage-Translation Transceiver

TXS0206AYFPR.B Datasheet (HTML) - Texas Instruments


TXS0206AYFPR.B Product details

1 Features
1• Level Translator
– VCCA and VCCB Range of 1.1 V to 3.6 V
– Fast Propagation Delay (4.4 ns Maximum
When Translating Between 1.8 V and 3 V)
• ESD Protection Exceeds JESD 22
– 2500-V Human-Body Model (A114-B)
– 250-V Machine Model (A115-A)
– 1500-V Charged-Device Model (C101)

2 Applications
• Mobile Phones
• Tablet PCs
• Notebooks
• Ultrabook Computers

3 Description
The TXS0206A is a level shifter for interfacing
microprocessors with MultiMediaCards (MMCs),
secure digital (SD) cards, and Memory Stick™ cards.
The voltage-level translator has two supply voltage
pins. VCCA as well as VCCB can be operated over the
full range of 1.1 V to 3.6 V. The TXS0206A enables
system designers to easily interface applications
processors or digital basebands to memory cards and
SDIO peripherals operating at a different I/O voltage
level.
The TXS0206A is offered in a 20-bump wafer chip
scale package (WCSP). This package has
dimensions of 1.96 mm × 1.56 mm, with a 0.4-mm
ball pitch for effective board-space savings. Memory
cards are widely used in mobile phones, PDAs, digital
cameras, personal media players, camcorders, settop
boxes, etc. Low static power consumption and
small package size make the TXS0206A an ideal
choice for these applications.




Similar Part No. - TXS0206AYFPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0206AYFPR TI1-TXS0206AYFPR Datasheet
1,013Kb / 23P
SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Similar Description - TXS0206AYFPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E_09 Datasheet
533Kb / 21P
MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com