Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # TXS0206AYFPR.B
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button TXS0206AYFPR.B Datasheet HTML 2Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 3Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 4Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 5Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 6Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 7Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 8Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 9Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TXS0206A
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
www.ti.com
Product Folder Links: TXS0206A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TXS0206A
UNIT
YFP (DSBGA)
20 PINS
RθJA
Junction-to-ambient thermal resistance
71.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.5
°C/W
RθJB
Junction-to-board thermal resistance
10.4
°C/W
ψJT
Junction-to-top characterization parameter
2
°C/W
ψJB
Junction-to-board characterization parameter
10.4
°C/W
(1)
All typical values are at TA = 25°C.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP(1)
MAX
UNIT
VOH
A port
(CLK-f output)
IOH = –100 μA
1.1 V to 3.6 V 1.65 V to 3.6 V
VCCA × 0.8
V
IOH = –0.5 mA
1.1 V
1.65 V to 3.6 V
0.8
IOH = –1 mA
1.4 V
1.65 V to 3.6 V
1.05
IOH = –2 mA
1.65 V
1.65 V to 3.6 V
1.2
IOH = –4 mA
2.3 V
1.65 V to 3.6 V
1.75
IOH = –8 mA
3 V
1.65 V to 3.6 V
2.3
A port
(DAT and CMD
outputs)
IOH = –20 μA
1.1 V to 3.6 V 1.65 V to 3.6 V
VCCA × 0.8
VOL
A port
(CLK-f output)
IOL = 100 μA
1.1 V to 3.6 V 1.65 V to 3.6 V
VCCA × 0.2
V
IOL = 0.5 mA
1.1 V
1.65 V to 3.6 V
0.35
IOL = 1 mA
1.4 V
1.65 V to 3.6 V
0.35
IOL = 2 mA
1.65 V
1.65 V to 3.6 V
0.45
IOL = 4 mA
2.3 V
1.65 V to 3.6 V
0.55
IOL = 8 mA
3 V
1.65 V to 3.6 V
0.7
A port
(DAT and CMD
outputs)
IOL = 135 μA
1.1 V
1.65 V to 3.6 V
0.4
V
IOL = 180 μA
1.4 V
1.65 V to 3.6 V
0.4
IOL = 220 μA
1.65 V
1.65 V to 3.6 V
0.4
IOL = 300 μA
2.3 V
1.65 V to 3.6 V
0.4
IOL = 400 μA
3 V
1.65 V to 3.6 V
0.55
VOH
B port
(CLK output)
IOH = –100 μA
1.1 V to 3.6 V 1.65 V to 3.6 V
VCCB × 0.8
V
IOH = –2 mA
1.1 V to 3.6 V
1.65 V
1.2
IOH = –4 mA
1.1 V to 3.6 V
2.3 V
1.75
IOH = –8 mA
1.1 V to 3.6 V
3 V
2.3
B port
(DAT output)
IOH = –20 μA
1.1 V to 3.6 V 1.65 V to 3.6 V
VCCB × 0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com