Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TXS0206AYFPR.B Datasheet(PDF) 13 Page - Texas Instruments

Part # TXS0206AYFPR.B
Description  TXS0206A SD Card Voltage-Translation Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TXS0206AYFPR.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TXS0206AYFPR.B Datasheet HTML 9Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 10Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 11Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 12Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 13Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 14Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 15Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 16Page - Texas Instruments TXS0206AYFPR.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
TXS0206A
www.ti.com
SCES833B – NOVEMBER 2011 – REVISED APRIL 2016
Product Folder Links: TXS0206A
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Operating Characteristics —VCCA = 1.2 V (continued)
TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCB TYP
UNIT
1.8 V
3.3 V
CpdB
(1)
A-port input,
B-port output
DATA Enabled
CL = 0,
f = 10 MHz,
tr = tf = 1 ns
26.7
30.3
pF
B-port input,
A-port output
CLK Enabled
25.6
27
DATA Enabled
16.38
19.91
A-port input,
B-port output
DATA Disabled
0.1
0.1
B-port input,
A-port output
CLK Disabled
0.1
0.1
DATA Disabled
1.1
0.8
(1)
Power dissipation capacitance per transceiver.
6.13 Operating Characteristics —VCCA = 1.8 V
TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCB TYP
UNIT
1.8 V
3.3 V
CpdA
(1)
A-port input,
B-port output
CLK Enabled
CL = 0,
f = 10 MHz,
tr = tf = 1 ns
17.5
17.1
pF
DATA Enabled
9.96
9.82
B-port input,
A-port output
DATA Enabled
15.6
14
A-port input,
B-port output
CLK Disabled
0.1
0.1
DATA Disabled
1.3
1.3
B-port input,
A-port output
DATA Disabled
0.1
0.1
CpdB
(1)
A-port input,
B-port output
DATA Enabled
CL = 0,
f = 10 MHz,
tr = tf = 1 ns
26
28.5
pF
B-port input,
A-port output
CLK Enabled
25.8
27
DATA Enabled
16.69
19.6
A-port input,
B-port output
DATA Disabled
0.1
0.1
B-port input,
A-port output
CLK Disabled
0.1
0.1
DATA Disabled
1.1
0.8
(1)
Power dissipation capacitance per transceiver.
6.14 Operating Characteristics — VCCA = 3.3 V
TA = 25°C
PARAMETER
TEST
CONDITIONS
VCCB TYP
UNIT
1.8 V
3.3 V
CpdA
(1)
A-port input,
B-port output
CLK Enabled
CL = 0,
f = 10 MHz,
tr = tf = 1 ns
17.5
17.1
pF
DATA Enabled
12.50
13.29
B-port input,
A-port output
DATA Enabled
15.6
14
A-port input,
B-port output
CLK Disabled
0.1
0.1
DATA Disabled
1.3
1.3
B-port input,
A-port output
DATA Disabled
0.1
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com