Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMK5B33216 Datasheet (PDF) - Texas Instruments

LMK5B33216 Datasheet PDF - Texas Instruments
Part # LMK5B33216
Download  LMK5B33216 Download
File Size   4868.13 Kbytes
Page   107 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK5C23208A 2-DPLL 3-APLL 2-IN 8-OUT Network Synchronizer With JED204B/ JED204C and BAW VCO for Wireless Communications

LMK5B33216 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMK5B33216 Datasheet PDF - Texas Instruments

Part # LMK5B33216
Download  LMK5B33216 Click to download

File Size   4868.13 Kbytes
Page   107 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMK5C23208A 2-DPLL 3-APLL 2-IN 8-OUT Network Synchronizer With JED204B/ JED204C and BAW VCO for Wireless Communications

LMK5B33216 Datasheet (HTML) - Texas Instruments


LMK5B33216 Product details

1 Features
• Ultra-low jitter BAW VCO based Wireless
Infrastructure and Ethernet clocks
– 40fs typical/ 57fs maximum RMS jitter at
491.52MHz
– 50fs typical/ 62fs maximum RMS jitter at
245.76MHz
• 2 high-performance Digital Phase Locked Loop
(DPLL) with 3 Analog Phase Locked Loops
(APLLs)
– Programmable DPLL loop filter bandwidth from
1mHz to 4kHz
– < 1ppt DCO frequency adjustment step size
• 2 differential or single-ended DPLL inputs
– 1Hz (1PPS) to 800MHz input frequency
– Digital Holdover and Hitless Switching
• 8 differential outputs with programmable HSDS,
AC-LVPECL, LVDS and HSCL formats
– Up to 12 total frequency outputs when
configured with 6 LVCMOS frequency outputs
on OUT0_P/N, OUT1_P/N, GPIO1, and GPIO2
and 6 differential outputs on OUT3_P/N to
OUT15_P/N
– 1Hz (1PPS) to 1250MHz output frequency with
programmable swing and common mode
– PCIe Gen 1 to 6 compliant
• I2C or 3-wire/4-wire SPI

2 Applications
• 4G and 5G Wireless Networks
– Active Antenna System (AAS), mMIMO
– Macro Remote Radio Unit (RRU)
– CPRI/eCPRI Baseband, Centralized,
Distributed Units (BBU, CU, DU)
– Small cell base station
• SyncE (G.8262), SONET/SDH (Stratum 3/3E,
G.813, GR-1244, GR-253), IEEE-1588 PTP
secondary clock
• Jitter cleaning, wander attenuation, and reference
clock generation for 112G/224G PAM4 SerDes
• Optical Transport Networks (OTN G.709)
• Broadband fixed line access
• Industrial
– Test and measurement

3 Description
The LMK5C23208A is a high-performance network
synchronizer and jitter cleaner designed to meet the
stringent requirements of wireless communications
and infrastructure applications.
The device integrates two DPLLs and three APLLs
to provide hitless switching and jitter attenuation
with programmable loop bandwidth (LBW) and one
external loop filter capacitor, maximizing flexibility and
ease of use.
APLL3 features an ultra-high performance PLL
with TI's proprietary Bulk Acoustic Wave (BAW)
technology. The BAW APLL can generate 491.52MHz
output clocks with 40fs typical / 60fs maximum RMS
jitter (12kHz to 20MHz) irrespective of the DPLL
reference input frequency and jitter characteristics.
APLL2 and APLL1 (conventional LC VCOs) provide
options for a second or third frequency and/or
synchronization domain.
Reference validation circuitry monitors the DPLL
reference inputs and automatically performs a hitless
switch when the inputs are detected or lost. Zero-
Delay Mode (ZDM) provides control over the phase
relationship between inputs and outputs.
The device is fully programmable through I2C or SPI.
The integrated EEPROM can be used to customize
system start-up clocks. The device also features
factory default ROM profiles as fallback options.




Similar Part No. - LMK5B33216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK5B33216 TI-LMK5B33216 Datasheet
4Mb / 90P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
MARCH 2022
LMK5B33216 TI-LMK5B33216 Datasheet
6Mb / 102P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED JULY 2022
LMK5B33216 TI-LMK5B33216 Datasheet
5Mb / 97P
LMK5B12212 1-DPLL 2-APLL 2-IN 12-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
NOVEMBER 2024
LMK5B33216 TI2-LMK5B33216 Datasheet
6Mb / 109P
LMK5B33216 3-DPLL 3-APLL 2-IN 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED FEBRUARY 2025
LMK5B33216RGCR TI-LMK5B33216RGCR Datasheet
6Mb / 102P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED JULY 2022
More results


Similar Description - LMK5B33216

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
logo
Zarlink Semiconductor I...
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
2 K Digital Switch with Enhanced Stratum 3 DPLL
logo
Exar Corporation
XRT8000 EXAR-XRT8000_06 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
logo
Texas Instruments
LMK5C33216 TI-LMK5C33216 Datasheet
3Mb / 93P
LMK5C33216 Ultra-Low Jitter Clock Synchronizer with JESD204B for Wireless Communications with BAW
logo
Analog Devices
AD9546 AD-AD9546 Datasheet
2Mb / 205P
Dual DPLL Digitized Clock Synchronizer
10/2020-Revision 0
logo
Texas Instruments
LMK5B33216 TI-LMK5B33216 Datasheet
4Mb / 90P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
MARCH 2022
LMK5B33216 TI-LMK5B33216_V01 Datasheet
6Mb / 102P
LMK5B33216 3-DPLL, 3-APLL, 2-IN, 16-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
REVISED JULY 2022
LMK5B33414 TI-LMK5B33414 Datasheet
6Mb / 102P
LMK5B33414 3-DPLL, 3-APLL, 4-IN, 14-OUT Network Synchronizer With BAW VCO for Ethernet-Based Networking Applications
SEPTEMBER 2022
LMK5C33216A TI1-LMK5C33216A Datasheet
4Mb / 99P
LMK5C33216A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
LMK5C33414A TI1-LMK5C33414A Datasheet
4Mb / 99P
LMK5C33414A Network Synchronizer With JED204B/JED204C and BAW VCO for Wireless Communications
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com