Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX3004W Datasheet (PDF) - Texas Instruments

AFEX3004W Datasheet PDF - Texas Instruments
Part # AFEX3004W
Download  AFEX3004W Download
File Size   2872.13 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFEx3004W 10-Bit, 12-Bit, Quad Voltage and Current Output, 10-Bit ADC, Smart AFEs in DSBGA Package

AFEX3004W Datasheet (PDF)

Go To PDF Page Download Datasheet
AFEX3004W Datasheet PDF - Texas Instruments

Part # AFEX3004W
Download  AFEX3004W Click to download

File Size   2872.13 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFEx3004W 10-Bit, 12-Bit, Quad Voltage and Current Output, 10-Bit ADC, Smart AFEs in DSBGA Package

AFEX3004W Datasheet (HTML) - Texas Instruments


AFEX3004W Product details

1 Features
• Programmable voltage or current outputs with
flexible configuration:
– Voltage outputs:
• 1LSB DNL
• Gains of 1 ×, 1.5 ×, 2 ×, 3 ×, and 4 ×
– Current outputs:
• 1LSB INL and DNL (8-bit)
• Unipolar and bipolar output range options
from 25μA to 250μA
• 10-bit ADC input
– 2LSB INL, 1LSB DNL
• Programmable comparator mode for all channels
• High-impedance output when VDD is off
• High-impedance or resistive pull-down powerdown
modes
• 50MHz SPI-compatible interface
• Automatically detects I2C, SPI, or PMBus®
Interface
– 1.62V VIH with VDD = 5.5V
• General-purpose input/output (GPIO) configurable
to multiple functions
• Predefined waveform generation: sine wave,
triangular, sawtooth
• User-programmable nonvolatile memory (NVM)
• Internal, external, or power-supply as reference
• Wide operating range:
– Power supply: 1.8V to 5.5V
– Temperature range: –40˚C to +125˚C
• Tiny package: 16-pin DSBGA (1.76mm × 1.76mm)

2 Applications
• Optical module
• Standard notebook PC

3 Description
The 10-bit AFE53004W and 12-bit AFE63004W
(AFEx3004W) is a family of 4-channel, ultra-low
power smart analog-front-end (AFE) devices. These
devices feature one shared 10-bit analog-to-digital
converter (ADC) with four independent channels.
Each channel is independently configurable as a
buffered voltage output digital-to-analog converter
(DAC), programmable current output DAC, or an
input to the shared ADC. The devices support Hi-
Z power-down mode and Hi-Z output during poweroff
conditions. The analog outputs provide a forcesense
option for use as a programmable comparator
and current sink. The multifunction GPIO, function
generation, and NVM enable these smart AFEs for
processor-less applications and design reuse. These
devices automatically detect I2C, PMBus, and SPI,
and contain an internal reference.
The flexibility and the feature set of the smart AFE
combined with tiny package and ultra low-operating
power make these devices an excellent choice for
small, battery-operated systems.




Similar Part No. - AFEX3004W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFEX32A3W TI1-AFEX32A3W Datasheet
2Mb / 93P
AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
NOVEMBER 2023
AFEX3902-Q1 TI1-AFEX3902-Q1 Datasheet
2Mb / 65P
AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI
JUNE 2023
AFEX39XX TI1-AFEX39XX Datasheet
2Mb / 69P
AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results


Similar Description - AFEX3004W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Texas Instruments
DAC63004 TI-DAC63004 Datasheet
2Mb / 62P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63004 TI-DAC63004_V02 Datasheet
3Mb / 83P
DACx3004 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI
DECEMBER 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53204W TI-DAC53204W Datasheet
2Mb / 83P
DACx3204W 12-Bit and 10-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, SPI, or PMBus® Interface in DSBGA Package
DECEMBER 2022
DAC53204W TI1-DAC53204W_V01 Datasheet
2Mb / 84P
DACx3204W 12-Bit and 10-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, SPI, or PMBus® Interface in DSBGA Package
DECEMBER 2022
AFE532A3W TI1-AFE532A3W Datasheet
2Mb / 93P
AFEx32A3W 10-Bit and 8-Bit, Three-Channel Voltage-Output, Current-Output, and ADC-Input Smart AFE With I2C or SPI
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com