Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC4T774 Datasheet (PDF) - Texas Instruments

SN74AXC4T774 Datasheet PDF - Texas Instruments
Part # SN74AXC4T774
Download  SN74AXC4T774 Download
File Size   2528.91 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs

SN74AXC4T774 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AXC4T774 Datasheet PDF - Texas Instruments

Part # SN74AXC4T774
Download  SN74AXC4T774 Click to download

File Size   2528.91 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs

SN74AXC4T774 Datasheet (HTML) - Texas Instruments


SN74AXC4T774 Product details

1 Features
• Fully configurable dual-rail design allows each port
to operate with a power supply range from 0.65 V
to 3.6 V
• Operating temperature from –40°C to +125°C
• Independent direction control pins to allow
configurable up and down translation
• Glitch-free power supply sequencing
• Up to 310 Mbps support when translating from 1.8
V to 3.3 V
• VCC isolation feature
– If either VCC input is below 100 mV, all
I/Os outputs are disabled and become highimpedance
• Ioff supports partial-power-down mode operation
• Compatible with AVC family level shifters
• Latch-up performance exceeds 100 mA per JESD
78, Class II
• ESD protection exceeds JESD 22
– 8000-V human-body model
– 1000-V charged-device model

2 Applications
• Enterprise and communications
• Industrial
• Personal electronics
• Wireless infrastructure
• Building automation
• Point of sale

3 Description
The SN74AXC4T774 is a four-bit non-inverting bus
transceiver that uses two individually configurable
power-supply rails. The device is operational with both
VCCA and VCCB supplies as low as 0.65 V. The A port
is designed to track VCCA, which accepts any supply
voltage from 0.65 V to 3.6 V. The B port is designed
to track VCCB, which also accepts any supply voltage
from 0.65 V to 3.6 V. Additionally the SN74AXC4T774
is compatible with a single-supply system.
The SN74AXC4T774 device is designed for
asynchronous communication between data buses.
The device transmits data from the A bus to the B
bus or from the B bus to the A bus, depending on
the logic level of the direction-control inputs (DIRx).
The output-enable input (OE) is used to disable the
outputs so the buses are effectively isolated. The
SN74AXC4T774 device is designed so the control
pins (DIRx and OE) are referenced to VCCA.
To put the level shifter I/Os in the high-impedance
state during power up or power down, tie the OE pin
to VCCA through a pullup resistor.
This device is fully specified for partial-power-down
applications using the Ioff current. The Ioff protection
circuitry is designed so that no excessive current is
drawn from or to an input, output, or combined I/O
that is biased to a specific voltage while the device is
powered down.
The VCC isolation feature is designed so that if either
VCCA or VCCB is less than 100 mV, both I/O ports
are set to the high-impedance state by disabling their
outputs.
Glitch-free power supply sequencing allows either
supply rail to be powered on or off in any order while
providing robust power sequencing performance.




Similar Part No. - SN74AXC4T774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AXC4T774 TI1-SN74AXC4T774 Datasheet
969Kb / 32P
4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
SN74AXC4T774 TI1-SN74AXC4T774 Datasheet
1Mb / 36P
SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
SN74AXC4T774 TI1-SN74AXC4T774 Datasheet
649Kb / 34P
SN74AXC4T774-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver with Independent Direction, Configurable-Voltage Translation, and Tri-State Outputs
SN74AXC4T774 TI-SN74AXC4T774 Datasheet
1Mb / 36P
SN74AXC4T774-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver with Independent Direction, Configurable-Voltage Translation, and Tri-State Outputs
SN74AXC4T774 TI-SN74AXC4T774 Datasheet
2Mb / 40P
SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
More results


Similar Description - SN74AXC4T774

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245-EP_017 TI1-SN74LVC8T245-EP_017 Datasheet
1,009Kb / 26P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45 Datasheet
1Mb / 65P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245 TI1-SN74AXC8T245_18 Datasheet
1Mb / 34P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC1T45 TI1-SN74AXC1T45_18 Datasheet
1Mb / 70P
Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC8T245_1808 TI1-SN74AXC8T245_1808 Datasheet
1Mb / 38P
8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
SN74AXC4T774 TI1-SN74AXC4T774 Datasheet
969Kb / 32P
4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
SN74AXC4T774 TI1-SN74AXC4T774_V01 Datasheet
1Mb / 36P
SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
SN74AXC4T774-Q1 TI1-SN74AXC4T774-Q1 Datasheet
649Kb / 34P
SN74AXC4T774-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver with Independent Direction, Configurable-Voltage Translation, and Tri-State Outputs
SN74AXC4T774-Q1 TI-SN74AXC4T774-Q1_V01 Datasheet
1Mb / 36P
SN74AXC4T774-Q1 Automotive 4-Bit Dual-Supply Bus Transceiver with Independent Direction, Configurable-Voltage Translation, and Tri-State Outputs
SN74AXC4T774 TI-SN74AXC4T774_V02 Datasheet
2Mb / 40P
SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com