Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC4T774 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AXC4T774
Description  SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC4T774 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AXC4T774 Datasheet HTML 3Page - Texas Instruments SN74AXC4T774 Datasheet HTML 4Page - Texas Instruments SN74AXC4T774 Datasheet HTML 5Page - Texas Instruments SN74AXC4T774 Datasheet HTML 6Page - Texas Instruments SN74AXC4T774 Datasheet HTML 7Page - Texas Instruments SN74AXC4T774 Datasheet HTML 8Page - Texas Instruments SN74AXC4T774 Datasheet HTML 9Page - Texas Instruments SN74AXC4T774 Datasheet HTML 10Page - Texas Instruments SN74AXC4T774 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
5.6 Switching Characteristics, VCCA = 0.7 ± 0.05 V
See Figure 5 and Table 1 for test circuit and loading. See Figure 6, Figure 7, and Figure 8 for measurement waveforms.
PARAMETER
FROM
TO
Test Conditions
B-Port Supply Voltage (VCCB)
UNIT
0.7 ± 0.05 V
0.8 ± 0.04 V
0.9 ± 0.045 V
1.2 ± 0.1 V
1.5 ± 0.1 V
1.8 ± 0.15 V
2.5 ± 0.2 V
3.3 ± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
A
B
-40°C to 85°C
0.5
172
0.5
120
0.5
88
0.5
51
0.5
46
0.5
56
0.5
78
0.5
221
ns
-40°C to 125°C
0.5
172
0.5
120
0.5
88
0.5
51
0.5
46
0.5
56
0.5
78
0.5
221
B
A
-40°C to 85°C
0.5
172
0.5
141
0.5
109
0.5
51
0.5
16
0.5
12
0.5
9
0.5
9
-40°C to 125°C
0.5
172
0.5
141
0.5
109
0.5
51
0.5
16
0.5
12
0.5
9
0.5
9
tdis
Disable time
OE
A
-40°C to 85°C
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
ns
-40°C to 125°C
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
0.5
205
OE
B
-40°C to 85°C
0.5
189
0.5
161
0.5
145
0.5
102
0.5
99
0.5
102
0.5
113
0.5
176
-40°C to 125°C
0.5
189
0.5
161
0.5
145
0.5
102
0.5
99
0.5
102
0.5
113
0.5
176
ten
Enable time
OE
A
-40°C to 85°C
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
ns
-40°C to 125°C
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
0.5
287
OE
B
-40°C to 85°C
0.5
309
0.5
219
0.5
177
0.5
133
0.5
127
0.5
132
0.5
165
0.5
418
-40°C to 125°C
0.5
309
0.5
219
0.5
177
0.5
133
0.5
127
0.5
132
0.5
165
0.5
418
www.ti.com
SN74AXC4T774
SCES898C – JULY 2019 – REVISED MAY 2022
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74AXC4T774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com