Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74AXC4T774 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN74AXC4T774
Description  SN74AXC4T774 4-Bit Dual-Supply Bus Transceiver with Independent Direction Control, Configurable Voltage Translation, and Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC4T774 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74AXC4T774 Datasheet HTML 17Page - Texas Instruments SN74AXC4T774 Datasheet HTML 18Page - Texas Instruments SN74AXC4T774 Datasheet HTML 19Page - Texas Instruments SN74AXC4T774 Datasheet HTML 20Page - Texas Instruments SN74AXC4T774 Datasheet HTML 21Page - Texas Instruments SN74AXC4T774 Datasheet HTML 22Page - Texas Instruments SN74AXC4T774 Datasheet HTML 23Page - Texas Instruments SN74AXC4T774 Datasheet HTML 24Page - Texas Instruments SN74AXC4T774 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
7.3.6 Glitch-Free Power Supply Sequencing
Either supply rail may be powered on or off in any order without producing a glitch on the I/Os (that is,
where the output erroneously transitions to VCC when it should be held low). Glitches of this nature can be
misinterpreted by a peripheral as a valid data bit, which could trigger a false device reset of the peripheral,
a false device configuration of the peripheral, or even a false data initialization by the peripheral. For more
information regarding the power up glitch performance of the AXC family of level translators, see the Glitch Free
Power Sequencing With AXC Level Translators application report
7.3.7 Negative Clamping Diodes
The inputs and outputs to this device have negative clamping diodes as depicted in Figure 7-1.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage to
the device. The input negative-voltage and output voltage ratings may be exceeded if the input and
output clamp-current ratings are observed.
GND
Logic
Input
Output
VCC
Device
-IIK
-IOK
Figure 7-1. Electrical Placement of Clamping Diodes for Each Input and Output
7.3.8 Fully Configurable Dual-Rail Design
Both the VCCA and VCCB pins can be supplied at any voltage from 0.65 V to 3.6 V, making the device suitable for
translating between any of the voltage nodes (0.7 V, 0.8 V, 0.9 V, 1.2 V, 1.8 V, 2.5 V and 3.3 V).
7.3.9 I/Os with Integrated Static Pull-Down Resistors
To help avoid floating inputs on the I/Os, this device has 71kΩ typical integrated weak pull-downs on all data
I/Os. This feature allows all inputs to be left floating without the concern for unstable outputs or increased
current consumption. This also helps to reduce external component count for applications where not all channels
are used or need to be fixed low. If an external pull-up is required, it should be no larger than 7kΩ to avoid
contention with the 71kΩ internal pull-down.
7.3.10 Supports High-Speed Translation
The SN74AXC4T774 device can support high data-rate applications. The translated signal data rate can be up
to 310 Mbps when the signal is translated from 1.8 V to 3.3 V.
7.4 Device Functional Modes
Table 7-1. Function Table
(Each Transceiver)
CONTROL INPUTS(1) (2)
PORT STATUS
OPERATION
OE
DIR
A PORT
B PORT
L
L
Output (Enabled)
Input (Hi-Z)
B data to A bus
L
H
Input (Hi-Z)
Output (Enabled)
A data to B bus
www.ti.com
SN74AXC4T774
SCES898C – JULY 2019 – REVISED MAY 2022
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: SN74AXC4T774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com