Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62P32 Datasheet (PDF) - Texas Instruments

AM62P32 Datasheet PDF - Texas Instruments
Part # AM62P32
Download  AM62P32 Download
File Size   4304.71 Kbytes
Page   238 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM62Px Sitara™ Processors

AM62P32 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM62P32 Datasheet PDF - Texas Instruments

Part # AM62P32
Download  AM62P32 Click to download

File Size   4304.71 Kbytes
Page   238 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM62Px Sitara™ Processors

AM62P32 Datasheet (HTML) - Texas Instruments


AM62P32 Product details

1 Features
Processor Cores:
• Up to Quad 64-bit Arm® Cortex®-A53
microprocessor subsystem at up to 1.4GHz
– Quad-core Cortex-A53 cluster with 512KB L2
shared cache with SECDED ECC
– Each A53 core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated as part of MCU Channel with FFI
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
– 512KB SRAM with SECDED ECC
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated to support Device Management
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
Multimedia:
• Display subsystem
– Triple display support over OLDI (LVDS) (1x
OLDI-DL, 1x or 2x OLDI-SL), DSI or DPI
• OLDI-SL (Single Link): up to 1920 x 1080 at
60fps (165MHZ Pixel Clock)
• OLDI-DL (Dual Link): up to 3840 x 1080 at
60fps (150MHz Pixel Clock)
• MIPI® DSI: with 4 Lane MIPI® D-PHY
supports up to 3840 x 1080 at 60fps
(300MHz Pixel Clock)
• DPI (24-bit RGB parallel interface): up to
1920 x 1080 at 60fps (165MHz pixel clock)
– Four display pipelines with hardware overlay
support. A maximum of two display pipelines
may be used per display.
– Supports safety features such as freeze frame
detection and data correctness check
• 3D Graphics Processing Unit
– IMG BXS-4-64 with 256KB cache
– Up to 50GFLOPS
– Single shader core
– OpenGL ES3.2 and Vulkan 1.2 API support
• One Camera Serial Interface (CSI-2) Receiver with
4 Lane D-PHY
– MIPI® CSI-2 v1.3 Compliant + MIPI D-PHY 1.2
– Support for 1,2,3 or 4 data lane mode up to
2.5Gbps per lane
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
• Video Encoder/Decoder
– Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
– Support for H.264 BaseLine/Main/High Profiles
at Level 5.2
– Support for up to 4K UHD resolution
(3840 × 2160)
• Up to 300MPixels/s operation, with reduced
clocking options available for lower power
applications with lower performance needs
Memory Subsystem:
• Up to 1.09MB of On-chip RAM
– 64KB of On-Chip RAM (OCRAM) with
SECDED ECC, can be divided into smaller
banks in increments of 32KB for as many as
2 separate memory banks
– 256KB of On-Chip RAM with SECDED ECC in
SMS Subsystem
– 176KB of On-Chip RAM with SECDED ECC in
SMS Subsystem for TI security firmware
– 512KB of On-chip RAM with SECDED ECC in
Cortex-R5F MCU Subsystem
– 64KB of On-chip RAM with SECDED ECC in
Device Manager Subsystem
• DDR Subsystem (DDRSS)
– Supports LPDDR4 memory type
– 32-bit data bus with inline ECC
– Supports speeds up to 3733MT/s
– Max size of 8GB
Functional Safety:
• Functional Safety-Compliant targeted [Industrial]
– Developed for functional safety applications
– Documentation will be available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL 3 targeted
– Hardware Integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 by TÜV SÜD planned
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation will be available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL D targeted
– Hardware integrity up to ASIL B targeted
– Safety-related certification
• ISO 26262 by TÜV SÜD planned
• AEC - Q100 qualified [Automotive]
Security:
• Secure boot supported
– Hardware-enforced Root-of-Trust (RoT)
– Support to switch RoT via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Trusted Execution Environment (TEE) supported
– Arm TrustZone® based TEE
– Extensive firewall support for isolation
– Secure watchdog/timer/IPC
– Secure storage support
– Replay Protected Memory Block (RPMB)
support
• Dedicated Security Controller with user
programmable HSM core and dedicated security
DMA & IPC subsystem for isolated processing
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
• Supports cryptographic cores
– AES – 128-/192-/256-Bit key sizes
– SHA2 – 224-/256-/384-/512-Bit key sizes
– DRBG with true random number generator
– PKA (Public Key Accelerator) to Assist in
RSA/ECC processing for secure boot
• Debugging security
– Secure software controlled debug access
– Security aware debugging
High-Speed Interfaces:
• Integrated Ethernet switch supporting (total 2
external ports)
– RMII(10/100) or RGMII (10/100/1000)
– IEEE1588 (Annex D, Annex E, Annex F with
802.1AS PTP)
– Clause 45 MDIO PHY management
– Packet Classifier based on ALE engine with
512 classifiers
– Priority based flow control
– Time Sensitive Networking (TSN) support
– Four CPU H/W interrupt Pacing
– IP/UDP/TCP checksum offload in hardware
• Two USB2.0 Ports
– Port configurable as USB host, USB peripheral,
or USB Dual-Role Device (DRD mode)
– Integrated USB VBUS detection
General Connectivity:
• 9x Universal Asynchronous Receiver-Transmitters
(UART)
• 5x Serial Peripheral Interface (SPI) controllers
• 6x Inter-Integrated Circuit (I2C) ports
• 3x Multichannel Audio Serial Ports (McASP)
– Transmit and Receive Clocks up to 50MHz
– Up to 4/6/16 Serial Data Pins across 3x McASP
with Independent TX and RX Clocks
– Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats
– Supports Digital Audio Interface Transmission
(SPDIF, IEC60958-1, and AES-3 Formats)
– FIFO Buffers for Transmit and Receive (256
Bytes)
– Support for audio reference output clock
• 3x enhanced PWM modules (ePWM)
• 3x enhanced Quadrature Encoder Pulse modules
(eQEP)
• 3x enhanced Capture modules (eCAP)
• General-Purpose I/O (GPIO), All LVCMOS I/O can
be configured as GPIO
• 4x Controller Area Network (CAN) modules with
CAN-FD support
– Conforms w/ CAN Protocol 2.0 A, B and ISO
11898-1
– Full CAN-FD support (up to 64 data bytes)
– Parity/ECC check for Message RAM
– Speed up to 8Mbps
Media and Data Storage:
• 3x Multi-Media Card/Secure Digital® (MMC/SD®/
SDIO) interfaces
– 1x 8-bit eMMC interface up to:
• HS200 for non-Q1 devices
• HS400 for Q1 devices
– 2x 4-bit SD/SDIO interfaces up to UHS-I
– Compliant with eMMC 5.1, SD 3.0, and SDIO
Version 3.0
• 1× General-Purpose Memory Controller (GPMC)
up to 133MHz
– Flexible 8- and 16-bit Asynchronous Memory
Interface with up to four Chip (22-bit address)
Selects (NAND, NOR, Muxed-NOR, and
SRAM)
– Uses BCH code to support 4-, 8-, or 16-bit ECC
– Uses Hamming code to support 1-bit ECC
– Error Locator Module (ELM)
• Used with the GPMC to locate addresses
of data errors from syndrome polynomials
generated using a BCH algorithm
• Supports 4-, 8-, and 16-bit per 512-
Byte block error location based on BCH
algorithms
• OSPI/QSPI with DDR / SDR support
– Support for Serial NAND and Serial NOR Flash
devices
– 4GBytes memory address support
– XIP mode with optional on-the-fly encryption
Power Management:
• Low-power modes supported by Device Manager:
– Partial IO support for CAN/GPIO/UART wakeup
– I/O Only + DDR in Self Refresh for Suspend to
RAM
– DeepSleep
– MCU Only
– Standby
– Dynamic frequency scaling
Optimal Power Management Solution:
• Recommended TI Power Management ICs (PMIC)
– Supports up to Automotive ASIL-B functional
safety when powering the AEC – Q100
qualified AM62P-Q1 device
– Supports up to SIL-2 functional safety industrial
applications when powering the AM62P device
– Companion PMIC is specially designed to meet
power supply requirements
– Flexible mapping and factory programmed
configurations to support different use cases
Boot Options:
• UART
• I2C EEPROM
• OSPI/QSPI Flash
• GPMC NOR/NAND Flash
• SD Card
• eMMC
• USB (host) Mass storage
• USB (device) boot from external host (DFU mode)
• Ethernet
Technology / Package:
• 16nm FinFET technology
• 17mm x 17mm, 0.65/0.8mm pitch with VCA, 466-
pin FCBGA

2 Applications
• Industrial Human Machine Interfaces (HMI)
• Appliance User Interface and Connectivity
• Medical Equipment
• Automotive Instrument Clusters
• Automotive Display
• Augmented Reality HUD

3 Description
The AM62Px (P = Plus) is an extension of the existing Sitara™ AM62x low-cost family of application processors
built for high-performance embedded 3D display applications. Scalable Arm® Cortex®-A53 performance and
embedded features, such as: multi-screen high-definition display support, 3D-graphics acceleration, 4K video
acceleration, and extensive peripherals make the AM62Px well-suited for a broad range of automotive and
industrial applications, including automotive digital instrumentation, automotive displays, industrial HMI, and
more.
Key features and benefits:
• Focus on innovation and fast development with Linux® and Android™ SDKs accompanied with real-time
functional safety and security SDKs.
• Address next wave of HMI designs with new generation of 3D GPU and 4K video acceleration.
• Enhance your design connectivity with an extensive set of automotive and high-speed IOs, including: 4x
CAN-FD, 3-port Gigabit Ethernet switch (two external ports) with TSN support, and two USB2.0 ports.
• Supports the latest cybersecurity requirements with the built-in Hardware Security Module (HSM).
• Provides intelligent features, such as: facial recognition and touchless HMI with Arm® Cortex®-A53 CPUs
and open-source AI software and tools
The AM62Px processors comply with the AEC - Q100 automotive standard and support industrial-grade. ASIL-B
and SIL-2 functional safety requirements can be addressed using an integrated Arm Cortex-R5F core and
dedicated peripherals, which can all be isolated from the rest of the processor.
Products in the AM62Px processor family:
AM62P-Q1 – Automotive digital instrumentation SoC with scalable Arm Cortex-A53 performance, multi highdefinition
display support, 3D GPU and 4K video acceleration.
Featured design resources:
• Hardware Evaluation Module (EVM) - SK-AM62P-LP
• Software Development Kit (SDK) - PROCESSOR-SDK-AM62P
• Linux Academy




Similar Part No. - AM62P32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM62P32 TI1-AM62P32 Datasheet
4Mb / 237P
AM62Px Sitara™ Processors
DECEMBER 2023
AM62P32 TI2-AM62P32 Datasheet
4Mb / 238P
AM62Px Sitara™ Processors
REVISED APRIL 2026
AM62P32-Q1 TI1-AM62P32-Q1 Datasheet
4Mb / 237P
AM62Px Sitara™ Processors
DECEMBER 2023
AM62P32-Q1 TI2-AM62P32-Q1 Datasheet
4Mb / 238P
AM62Px Sitara™ Processors
REVISED APRIL 2026
AM62P32ASMHIAMHR TI1-AM62P32ASMHIAMHR Datasheet
4Mb / 237P
AM62Px Sitara™ Processors
DECEMBER 2023
More results


Similar Description - AM62P32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
Sitara Processors
AM6442 TI-AM6442_V02 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM6442 TI-AM6442_V03 Datasheet
6Mb / 260P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
AM625 TI-AM625_V02 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI1-AM625_V05 Datasheet
5Mb / 259P
AM62x Sitara™ Processors
REVISED JUNE 2023
AM62A7 TI1-AM62A7_V01 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM6442 TI1-AM6442_V04 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com