Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5005 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5005 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5005
Download  FMAM5005 Download
File Size   1904.71 Kbytes
Page   14 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Amplifier at 8 Watt Psat Operating from 1.5 GHz to 3.5 GHz with 19.5 dB Gain, 45 dBm IP3 and SMA

FMAM5005 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5005 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5005
Download  FMAM5005 Click to download

File Size   1904.71 Kbytes
Page   14 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Amplifier at 8 Watt Psat Operating from 1.5 GHz to 3.5 GHz with 19.5 dB Gain, 45 dBm IP3 and SMA

FMAM5005 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5005 Product details

Features
• 1.5 GHz to 3.5 GHz Frequency Range
• P1dB Output Power: 38.5 dBm
• Psat: 39 dBm
• Small Signal Gain: 19.5 dB
• Gain Flatness: ±1.25 dB
• Power Added Efficiency @Psat: 32%
• 50 Ohm Input and Output Matched
• -40 to +85°C Operating Temperature
• Small Size & Light Weight
• Manual Voltage Sequencing
• Optional Heatsink Available: Model FMAMC5014




Similar Part No. - FMAM5005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5009 FAIRVIEW-FMAM5009 Datasheet
1Mb / 10P
High Power GaAs Amplifier at 6.3 Watt Psat Operating from 5.5 GHz to 9.5 GHz with 47 dBm IP3, SMA
REV 1.2
More results


Similar Description - FMAM5005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5007 PASTERNACK-PE15A5007 Datasheet
484Kb / 7P
8 Watt Psat, 2.6 GHz to 4.2 GHz, High Power Amplifier, 19 dB Gain, 47 dBm IP3, 9 dB NF, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com