Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5009 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5009 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5009
Download  FMAM5009 Download
File Size   1380.86 Kbytes
Page   10 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power GaAs Amplifier at 6.3 Watt Psat Operating from 5.5 GHz to 9.5 GHz with 47 dBm IP3, SMA

FMAM5009 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5009 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5009
Download  FMAM5009 Click to download

File Size   1380.86 Kbytes
Page   10 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power GaAs Amplifier at 6.3 Watt Psat Operating from 5.5 GHz to 9.5 GHz with 47 dBm IP3, SMA

FMAM5009 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5009 Product details

Features:
• 5.5 GHz to 9.5 GHz
Frequency Range
• P1dB Output Power: 37.5 dBm
• Psat: 38 dBm
• Small Signal Gain: 23.5 dB
• Gain Flatness: ±2 dB
• Power Added Effiency
@Psat: 26%
• 50 Ohm Input and
Output Matched
• -40°C to +85°C Operating
Temperature
• Small Size & Light Weight
• EAR99 (No Export
License Required)
• Manual Voltage Sequencing
• Optional Heatsink Available:
Model FMAMC5014




Similar Part No. - FMAM5009

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5005 FAIRVIEW-FMAM5005 Datasheet
1Mb / 14P
High Power Amplifier at 8 Watt Psat Operating from 1.5 GHz to 3.5 GHz with 19.5 dB Gain, 45 dBm IP3 and SMA
B
More results


Similar Description - FMAM5009

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5007 PASTERNACK-PE15A5007 Datasheet
484Kb / 7P
8 Watt Psat, 2.6 GHz to 4.2 GHz, High Power Amplifier, 19 dB Gain, 47 dBm IP3, 9 dB NF, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com