Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5009 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMAM5009
Description  High Power GaAs Amplifier at 6.3 Watt Psat Operating from 5.5 GHz to 9.5 GHz with 47 dBm IP3, SMA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMAM5009 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMAM5009 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 7Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 8Page - Infinite Electronics International, Inc. FMAM5009 Datasheet HTML 9Page - Infinite Electronics International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.2 Page 4 of 10
GaAs PHEMT MMIC-Based Power up sequence
1. Connect common ports
a. Connect single GND lead
b. Connect all –Vg ports together
c. Connect all +Vd ports together
2. Connect the load, attenuator to protect the VNA.
3. Connect the input port, may have an attenuator at the input (perform the CAL
with the
loads before connecting the amplifier to the VNA).
4. Apply the –Vg voltage -1.0 Volts (Always apply –Vg first).
5. Apply the +Vd voltage +8 Volts (Then apply +Vd second).
FMAM5009
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com