Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5027 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5027 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5027
Download  FMAM5027 Download
File Size   832.65 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 60 dB Gain High Power High Gain Amplifier at 10 Watt Psat Operating from 100 MHz to 6 GHz with SMA

FMAM5027 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5027 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5027
Download  FMAM5027 Click to download

File Size   832.65 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 60 dB Gain High Power High Gain Amplifier at 10 Watt Psat Operating from 100 MHz to 6 GHz with SMA

FMAM5027 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5027 Product details

Features:
• 0.1 GHz to 6 GHz
Frequency Range
• Psat 40 dBm typ
• Small Signal Gain: 60 dB min
• Gain Flatness ±1.25 dB typical
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply &
Bias Sequencing
• Hermetically Sealed Module
• Over Current Shutdown
• Mismatch Handling 5.0:1 max
• Over Temp Shutdown
• Designed to meet MILSTD-
810 Conditions




Similar Part No. - FMAM5027

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5028 FAIRVIEW-FMAM5028 Datasheet
854Kb / 5P
43 dB Gain High Power High Gain Amplifier at 25 Watt Psat Operating From 0.15 MHz to 230 MHz with 48 dBm IP3 and SMA
REV 1.2
FMAM5028F FAIRVIEW-FMAM5028F Datasheet
963Kb / 7P
43 dB Gain High Power LDMOS Amplifier at 25 Watt Psat Operating from 0.15 MHz to 230 MHz with 48 dBm IP3, SMA Input, SMA Output, Heatsink
REV 1.4
FMAM5029 FAIRVIEW-FMAM5029 Datasheet
742Kb / 5P
44 dB Gain High Power LDMOS Amplifier at 8 Watt Psat Operating from 0.5 MHz to 500 MHz with 42 dBm IP3, SMA Input, SMA Output
REV 1.6
More results


Similar Description - FMAM5027

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4013 PASTERNACK-PE15A4013 Datasheet
434Kb / 7P
5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com