Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5034 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5034 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5034
Download  FMAM5034 Download
File Size   764.15 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA

FMAM5034 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5034 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5034
Download  FMAM5034 Click to download

File Size   764.15 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA

FMAM5034 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5034 Product details

Features:
• 0.8 GHz to 4.2 GHz
Frequency Range
• Psat 1.5 Watts typ
• Small Signal Gain: 31 dB min
• Gain Flatness ±2.0 dB max
• IP3 41 dBm typ
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply




Similar Part No. - FMAM5034

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5034F FAIRVIEW-FMAM5034F Datasheet
1Mb / 9P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA w/ Heatsink and Fan
REV 1.3
More results


Similar Description - FMAM5034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5021 PASTERNACK-PE15A5021 Datasheet
544Kb / 9P
43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA
PE15A5007 PASTERNACK-PE15A5007 Datasheet
484Kb / 7P
8 Watt Psat, 2.6 GHz to 4.2 GHz, High Power Amplifier, 19 dB Gain, 47 dBm IP3, 9 dB NF, SMA
PE15A5030 PASTERNACK-PE15A5030 Datasheet
707Kb / 7P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5030F PASTERNACK-PE15A5030F Datasheet
459Kb / 5P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com