Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5034F Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5034F Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5034F
Download  FMAM5034F Download
File Size   1174.53 Kbytes
Page   9 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA w/ Heatsink and Fan

FMAM5034F Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5034F Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5034F
Download  FMAM5034F Click to download

File Size   1174.53 Kbytes
Page   9 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA w/ Heatsink and Fan

FMAM5034F Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5034F Product details

Features:
• 0.8 GHz to 4.2 GHz
Frequency Range
• Psat 1.5 Watts typ
• Small Signal Gain: 31 dB min
• Gain Flatness ±2.0 dB max
• IP3 41 dBm typ
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply
• Heatsink and Fan




Similar Part No. - FMAM5034F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5034 FAIRVIEW-FMAM5034 Datasheet
764Kb / 5P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA
REV 1.3
More results


Similar Description - FMAM5034F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5021 PASTERNACK-PE15A5021 Datasheet
544Kb / 9P
43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA
PE15A5007 PASTERNACK-PE15A5007 Datasheet
484Kb / 7P
8 Watt Psat, 2.6 GHz to 4.2 GHz, High Power Amplifier, 19 dB Gain, 47 dBm IP3, 9 dB NF, SMA
PE15A5030 PASTERNACK-PE15A5030 Datasheet
707Kb / 7P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5030F PASTERNACK-PE15A5030F Datasheet
459Kb / 5P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com