Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5041 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5041 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5041
Download  FMAM5041 Download
File Size   596.17 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Amplifier at 6 Watt P1dB Operating From 800 MHz to 960 MHz with 37 dB Gain, 50 dBm IP3 and SMA

FMAM5041 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5041 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5041
Download  FMAM5041 Click to download

File Size   596.17 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Amplifier at 6 Watt P1dB Operating From 800 MHz to 960 MHz with 37 dB Gain, 50 dBm IP3 and SMA

FMAM5041 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5041 Product details

Features:
• 800 to 960 MHz
Frequency Range
• Psat 6 Watts typ
• Small Signal Gain: 37 dB typ
• Gain Flatness ±1.25 dB max
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply




Similar Part No. - FMAM5041

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5040 FAIRVIEW-FMAM5040 Datasheet
598Kb / 5P
High Power Amplifier at 6 Watt P1dB Operating From 860 MHz to 960 MHz with 30 dB Gain, 50 dBm IP3 and SMA
FMAM5043 FAIRVIEW-FMAM5043 Datasheet
633Kb / 4P
High Power Amplifier at 7 Watt P1dB Operating From 8.5 GHz to 11 GHz with 30 dB Gain, 46 dBm IP3 and SMA
REV 1.0
FMAM5044 FAIRVIEW-FMAM5044 Datasheet
593Kb / 4P
High Power Amplifier at 7 Watt P1dB Operating From 8.5 GHz to 10.5 GHz with 36 dB Gain, 47 dBm IP3 and SMA
REV 1.0
More results


Similar Description - FMAM5041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE1527 PASTERNACK-PE1527 Datasheet
266Kb / 3P
50 Ohm SMA Amplifier Operating From 10 MHz to 3 GHz With 14.5 dB Gain And 9.7 dB P1db
PE15A5010 PASTERNACK-PE15A5010 Datasheet
521Kb / 8P
58 dB Gain, 50 Watt P1dB, 925 MHz to 2 GHz, High Power High Gain Amplifier, 66 dBm IP3, SMA
PE15A5013 PASTERNACK-PE15A5013 Datasheet
497Kb / 5P
5 Watt P1dB, 500 MHz to 2.8 GHz, High Power Amplifier, 37 dB Gain, 52 dBm IP3, SMA
PE15A3022 PASTERNACK-PE15A3022 Datasheet
447Kb / 5P
1 Watt P1dB, 300 MHz to 18 GHz, Medium Power Broadband Amplifier, 37 dB Gain, 42 dBm IP3, 3.5 dB NF, SMA
PE15A4026 PASTERNACK-PE15A4026 Datasheet
435Kb / 5P
1 Watt P1dB, 820 MHz to 960 MHz, Medium Power Amplifier, 15 dB Gain, 46 dBm IP3, 2 dB NF, SMA
PE15A5039 PASTERNACK-PE15A5039 Datasheet
428Kb / 4P
42 dB Gain, 25 Watt P1dB, 860 MHz to 960 MHz, High Power High Gain Amplifier, 58 dBm IP3, 3.5 dB NF, SMA
PE15A5040 PASTERNACK-PE15A5040 Datasheet
430Kb / 5P
6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 30 dB Gain, 50 dBm IP3, 3 dB NF, SMA
PE15A5041 PASTERNACK-PE15A5041 Datasheet
429Kb / 5P
6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 37 dB Gain, 50 dBm IP3, 3 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com