Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5043 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5043 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5043
Download  FMAM5043 Download
File Size   633.11 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Amplifier at 7 Watt P1dB Operating From 8.5 GHz to 11 GHz with 30 dB Gain, 46 dBm IP3 and SMA

FMAM5043 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5043 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5043
Download  FMAM5043 Click to download

File Size   633.11 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description High Power Amplifier at 7 Watt P1dB Operating From 8.5 GHz to 11 GHz with 30 dB Gain, 46 dBm IP3 and SMA

FMAM5043 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5043 Product details

Features:
• 8.5 to 11.0 GHz
Frequency Range
• P1dB 38.5 dBm typ
• Small Signal Gain: 30 dB min
• Gain Flatness ±0.75 dB typ
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply




Similar Part No. - FMAM5043

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5040 FAIRVIEW-FMAM5040 Datasheet
598Kb / 5P
High Power Amplifier at 6 Watt P1dB Operating From 860 MHz to 960 MHz with 30 dB Gain, 50 dBm IP3 and SMA
FMAM5041 FAIRVIEW-FMAM5041 Datasheet
596Kb / 4P
High Power Amplifier at 6 Watt P1dB Operating From 800 MHz to 960 MHz with 37 dB Gain, 50 dBm IP3 and SMA
REV 1.0
FMAM5044 FAIRVIEW-FMAM5044 Datasheet
593Kb / 4P
High Power Amplifier at 7 Watt P1dB Operating From 8.5 GHz to 10.5 GHz with 36 dB Gain, 47 dBm IP3 and SMA
REV 1.0
More results


Similar Description - FMAM5043

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5010 PASTERNACK-PE15A5010 Datasheet
521Kb / 8P
58 dB Gain, 50 Watt P1dB, 925 MHz to 2 GHz, High Power High Gain Amplifier, 66 dBm IP3, SMA
PE15A5013 PASTERNACK-PE15A5013 Datasheet
497Kb / 5P
5 Watt P1dB, 500 MHz to 2.8 GHz, High Power Amplifier, 37 dB Gain, 52 dBm IP3, SMA
PE15A5021 PASTERNACK-PE15A5021 Datasheet
544Kb / 9P
43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com