Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMKDB1102 Datasheet (PDF) - Texas Instruments

LMKDB1102 Datasheet PDF - Texas Instruments
Part # LMKDB1102
Download  LMKDB1102 Download
File Size   6926.61 Kbytes
Page   126 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family

LMKDB1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMKDB1102 Datasheet PDF - Texas Instruments

Part # LMKDB1102
Download  LMKDB1102 Click to download

File Size   6926.61 Kbytes
Page   126 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family

LMKDB1102 Datasheet (HTML) - Texas Instruments


LMKDB1102 Product details

1 Features
• LP-HCSL clock buffer and clock MUX that support:
– PCIe Gen 1 to Gen 7
– CC (Common Clock) and IR (Independent
Reference) PCIe architectures
– Input clock with or without SSC
• Intel DB2000QL and DB1206 compliant:
– All devices meet DB2000QL specifications
– LMKDB1120 is pin-compatible to DB2000QL
– LMKDB1112 is pin-compatible to DB1206
• Extremely low additive jitter:
– 31fs maximum 12kHz to 20MHz RMS additive
jitter at 156.25MHz
– 13fs maximum additive jitter for PCIe Gen 4
– 5fs maximum additive jitter for PCIe Gen 5
– 3fs maximum additive jitter for PCIe Gen 6
– 2.1fs maximum additive jitter for PCIe Gen 7
• Fail-safe input
• Fail-safe outputs (LMKDB1120FS, LMKDB1108FS
and LMKDB1104FS only)
• Flexible power-up sequence
• Automatic output disable
• Individual output enable
• SBI (Side Band Interface) for high-speed output
enable or disable
• LOS (Loss of Signal) input detection
• 85Ω or 100Ω output impedance
• 1.8V / 3.3V ± 10% power supply
• –40°C to 105°C ambient temperature

2 Applications
• High Performance Computing
• Server Motherboard
• NIC/SmartNIC
• Hardware Accelerator

3 Description
The LMKDB devices are a family of extremely-lowjitter
LP-HCSL buffers that support PCIe Gen 1 to
Gen 7 and are DB2000QL compliant. The devices
provide flexible power-up sequence, fail-safe inputs,
fail-safe outputs, individual output active and inactive
pins, loss of input signal (LOS) detection and
automatic output disable features, as well as excellent
power supply noise rejection performance.
Both 1.8V and 3.3V supply voltages are supported.
For LMKDB1120, 1.8V power supply saves 250mW
power compared to 3.3V.




Similar Part No. - LMKDB1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMKDB1102 TI-LMKDB1102 Datasheet
2Mb / 70P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
NOVEMBER 2023
LMKDB1102 TI1-LMKDB1102 Datasheet
2Mb / 64P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
DECEMBER 2023
LMKDB1102 TI1-LMKDB1102 Datasheet
2Mb / 77P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
FEBRUARY 2024
LMKDB1102 TI1-LMKDB1102 Datasheet
3Mb / 82P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
MAY 2024
LMKDB1102 TI1-LMKDB1102 Datasheet
4Mb / 96P
LMKDB1xxx PCIe Gen 1 to Gen 6 Ultra Low Jitter 1:20, 1:8, 1:4, 1:2, 2:4, 2:2 LP-HCSL Clock Buffer and Clock MUX
JUNE 2024
More results


Similar Description - LMKDB1102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Texas Instruments
CDCDB2000 TI1-CDCDB2000 Datasheet
556Kb / 33P
CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB800 TI-CDCDB800 Datasheet
1Mb / 31P
CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
CDCDB400 TI-CDCDB400 Datasheet
2Mb / 33P
CDCDB400 DB800ZL-Compliant 4-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS833 ??NOVEMBER 2021
CDCDB803 TI-CDCDB803 Datasheet
1Mb / 31P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
SNAS820 ??AUGUST 2021
logo
Microsemi Corporation
ZL40293 MICROSEMI-ZL40293 Datasheet
902Kb / 29P
20-Output PCIe Gen 1, 2 ,3, 4 and 5 Buffer with Ultra-Low Additive Jitter
March 2019
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
349Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
2019
logo
Skyworks Solutions Inc.
SI53102-A1 SKYWORKS-SI53102-A1 Datasheet
756Kb / 15P
PCI-Express Gen 1, Gen 2, Gen 3, and Gen 4 1:2 Fan-out Clock Buffer
Rev. 1.4
logo
Texas Instruments
CDCDB803 TI1-CDCDB803_V01 Datasheet
1Mb / 34P
CDCDB803 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 6
REVISED MAY 2022
LMKDB1120 TI-LMKDB1120 Datasheet
2Mb / 70P
LMKDB1120 and LMKDB1108 Ultra-Low Jitter PCIe Gen 1 to Gen 6 LP-HCSL Clock Buffers
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com