Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP8V10DF Datasheet (PDF) - A POWER MICROELECTRONICS

AP8V10DF Datasheet PDF - A POWER MICROELECTRONICS
Part # AP8V10DF
Download  AP8V10DF Download
File Size   1039.33 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -100V PP-Channel Enhancement Mode MOSFET

AP8V10DF Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8V10DF Datasheet PDF - A POWER MICROELECTRONICS

Part # AP8V10DF
Download  AP8V10DF Click to download

File Size   1039.33 Kbytes
Page   7 Pages
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS
Description -100V PP-Channel Enhancement Mode MOSFET

AP8V10DF Datasheet (HTML) - A POWER MICROELECTRONICS


AP8V10DF Product details

Features
- VDS = -100V ID =-8.0A
- RDS(ON) <220mΩ @ VGS=10V (Type:180mΩ)

Applications
- Brushless motor
- Load switch
- Uninterruptible power supply




Similar Part No. - AP8V10DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP8V10S APME-AP8V10S Datasheet
1,005Kb / 7P
-100V PP-Channel Enhancement Mode MOSFET
More results


Similar Description - AP8V10DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP10H400SK3 DIODES-DMP10H400SK3_15 Datasheet
512Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
logo
Pan Jit International I...
PJD10P10A PANJIT-PJD10P10A Datasheet
381Kb / 8P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM4P10PR HMSEMI-HM4P10PR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL1P10 LEIDITECH-LMTL1P10 Datasheet
4Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
LM5D50P10 LEIDITECH-LM5D50P10 Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
logo
Guangdong Youtai Semico...
IRFR9120NTR UMW-IRFR9120NTR Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com