Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP8V10DF Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP8V10DF
Description  -100V PP-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP8V10DF Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP8V10DF Datasheet HTML 1Page - A POWER MICROELECTRONICS AP8V10DF Datasheet HTML 2Page - A POWER MICROELECTRONICS AP8V10DF Datasheet HTML 3Page - A POWER MICROELECTRONICS AP8V10DF Datasheet HTML 4Page - A POWER MICROELECTRONICS AP8V10DF Datasheet HTML 5Page - A POWER MICROELECTRONICS AP8V10DF Datasheet HTML 6Page - A POWER MICROELECTRONICS AP8V10DF Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP8V10DF
-100V P+P-Channel Enhancement Mode MOSFET
AP8V10DF REV1.0
永源微電子科技有限公司
Description
The AP8V10DF uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = -100V ID =-8.0A
RDS(ON) <220mΩ @ VGS=10V (Type:180mΩ)
Application
Brushless motor
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP8V10DF
PDFN3X3-8L
AP8V10DF XXX YYYY
5000
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-100
V
VGS
Gate-Source Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V1
-8.0
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V1
-3.7
A
IDM
Pulsed Drain Current2
-32
A
EAS
Single Pulse Avalanche Energy3
105
mJ
IAS
Avalanche Current
-7
A
PD@TC=25℃
Total Power Dissipation4
3.5
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
85
℃
/W
RθJC
Thermal Resistance Junction-Case1
3.45
℃
/W


Similar Part No. - AP8V10DF

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP8V10S APME-AP8V10S Datasheet
1,005Kb / 7P
-100V PP-Channel Enhancement Mode MOSFET
More results

Similar Description - AP8V10DF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP10A17G DIODES-ZXMP10A17G Datasheet
642Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP10A17K DIODES-ZXMP10A17K Datasheet
683Kb / 8P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP10H400SK3 DIODES-DMP10H400SK3_15 Datasheet
512Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
logo
Pan Jit International I...
PJD10P10A PANJIT-PJD10P10A Datasheet
381Kb / 8P
100V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP10H4D2S DIODES-DMP10H4D2S_17 Datasheet
538Kb / 6P
100V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
logo
Shenzhen Huazhimei Semi...
HM4P10PR HMSEMI-HM4P10PR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
HM3P10MR HMSEMI-HM3P10MR Datasheet
1Mb / 5P
100V P-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMTL1P10 LEIDITECH-LMTL1P10 Datasheet
4Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
LM5D50P10 LEIDITECH-LM5D50P10 Datasheet
2Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
Rev : 01.09.2021
logo
Guangdong Youtai Semico...
IRFR9120NTR UMW-IRFR9120NTR Datasheet
1Mb / 5P
-100V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com