Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG2612U-PRO Datasheet (PDF) - Infinite Electronics International, Inc.

HG2612U-PRO Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2612U-PRO
Download  HG2612U-PRO Download
File Size   257.2 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2500-2700 MHz 12 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome

HG2612U-PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2612U-PRO Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2612U-PRO
Download  HG2612U-PRO Click to download

File Size   257.2 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2500-2700 MHz 12 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome

HG2612U-PRO Datasheet (HTML) - Infinite Electronics International, Inc.


HG2612U-PRO Product details

Features
• All weather operation
• Includes heavy duty steel mast mounting brackets
• Lightweight fiberglass radome
• Integral N-Female connector
• 360° Omnidirectional Pattern

Applications
• 2500, 2600 Band Operation
• Point to Multipoint and Non Line of Sight (NLOS) Applications
• 12 dBi gain




Similar Part No. - HG2612U-PRO

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2614P L-COM-HG2614P Datasheet
199Kb / 2P
HyperLink Wireless 2.6 GHz MMDS 14 dBi Wireless LAN Flat Patch Antenna
HG2614P-NF L-COM-HG2614P-NF Datasheet
199Kb / 2P
HyperLink Wireless 2.6 GHz MMDS 14 dBi Wireless LAN Flat Patch Antenna
More results


Similar Description - HG2612U-PRO

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
logo
Pulse A Technitrol Comp...
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
logo
Laird Tech Smart Techno...
R2T9-12 LSTD-R2T9-12 Datasheet
1Mb / 2P
Low Profile 12 dBi antenna gain
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
Fiberglass radome construction
4-9-10
logo
Pasternack Enterprises,...
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1040 PASTERNACK-PE51OM1040 Datasheet
366Kb / 4P
7 dBi Omni Antenna 617-3,800 MHz N Type Female Connector
REV 1
PE51OM1041 PASTERNACK-PE51OM1041 Datasheet
511Kb / 3P
6 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com