Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG2614P-NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG2614P-NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2614P-NF
Download  HG2614P-NF Download
File Size   199.42 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.6 GHz MMDS 14 dBi Wireless LAN Flat Patch Antenna

HG2614P-NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2614P-NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2614P-NF
Download  HG2614P-NF Click to download

File Size   199.42 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.6 GHz MMDS 14 dBi Wireless LAN Flat Patch Antenna

HG2614P-NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG2614P-NF Product details

Applications:  IEEE 802.16 and 802.20
 WiMAX Technology
 Non-Direct Line of Sight (NLOS)
 Wireless Internet Service Providers (WISP)
 Compatible with Navini™ Ripwave® (MCX-Plug
pigtail required)

Features:  Light weight durable UV-stable, UL flame rated
radome
 Low loss solid brass elements
 DC Short lightning protection
 12 inch coax lead
 Can be installed for either vertical or horizontal
polarization




Similar Part No. - HG2614P-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2612U-PRO L-COM-HG2612U-PRO Datasheet
257Kb / 3P
2500-2700 MHz 12 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/25/2021
More results


Similar Description - HG2614P-NF

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6152 ANADIGICS-AWL6152 Datasheet
197Kb / 12P
2.4 GHz Wireless LAN Power Amplifier Module
Rev 0.2
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
logo
Advanced Crystal Techno...
ACTFF374S ACT-ACTFF374S Datasheet
157Kb / 5P
Wireless LAN applications
SEPT 04
logo
Rohm
BP3595 ROHM-BP3595 Datasheet
301Kb / 1P
Compact Wireless LAN Module with Integrated Antenna
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Level One
WAC-1000 LVL1-WAC-1000 Datasheet
1,006Kb / 4P
Wireless LAN Controller
logo
Rohm
BP359B ROHM-BP359B Datasheet
1Mb / 29P
Wireless LAN Module
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com