Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1290B Datasheet (PDF) - Pro-Signal

1290B Datasheet PDF - Pro-Signal
Part # 1290B
Download  1290B Download
File Size   113.81 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Pole Mount Monitor Bracket

1290B Datasheet (PDF)

Go To PDF Page Download Datasheet
1290B Datasheet PDF - Pro-Signal

Part # 1290B
Download  1290B Click to download

File Size   113.81 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description Pole Mount Monitor Bracket

1290B Datasheet (HTML) - Pro-Signal


1290B Product details

Features
•
Supports up to 22 lbs.
•
Meets VESA 75/100mm standard
•
Twin arm allows greater movement
•
Cable management clips
•
Maximum arm reach: 17.25”
•
Allows monitor to be tilted, swiveled or rotated
Description
Twin Arm Pole Mount for LCD Monitors Attaches LCD monitors having VESA 75 or 100 mounting patterns to any pole from 30mm to 60mm diameter (1.18” to 2.36”). It is perfect for stage or exhibition use, as it is compatible with virtually any
speaker stand or truss system. It is also great when installing monitors in public areas, retail stores, museum exhibits and similar locations. Four models to choose from. See the Fits any 30mm to 60mm diameter pole including 35mm PA speaker stands and 50mm standard truss.

Description
Pole Mount Monitor Bracket




Similar Part No. - 1290B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
1290 MA-COM-1290 Datasheet
60Kb / 3P
SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
List of Unclassifed Man...
1290 ETC2-1290 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Ashcroft, Inc.
1290 ASHCROFT-1290 Datasheet
542Kb / 3P
1290 Direct Drive Process Pressure Gauge
RevB_11-11-22
logo
Keystone Electronics Co...
1290 KEYSTONE-1290 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
List of Unclassifed Man...
1290-66 ETC2-1290-66 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
More results


Similar Description - 1290B

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BPM-22260 BUD-BPM-22260 Datasheet
25Kb / 1P
UNIVERSAL POLE MOUNT BRACKET KIT SMALL SIZE BOXES
HWB-1790 BUD-HWB-1790 Datasheet
42Kb / 1P
HINGED WALL MOUNT BRACKET
logo
Panasonic Semiconductor
ET-PKV400B PANASONIC-ET-PKV400B Datasheet
37Kb / 1P
Projector Mount Bracket
logo
Tripp Lite. All Rights ...
SRLCDMOUNT TRIPPLITE-SRLCDMOUNT Datasheet
170Kb / 2P
Monitor Rack-Mount Bracket, 4U, for LCD Monitor up to 17-19 in.
logo
SparkFun Electronics
ROB-12252 SPARKFUN-ROB-12252 Datasheet
94Kb / 11P
Side Mount Bracket (pair)
2/15/2016
ROB-12533 SPARKFUN-ROB-12533 Datasheet
90Kb / 1P
Side Mount Bracket C
2/12/2016
logo
Maxtena Inc.
MMB-01-10-W MAXTENA-MMB-01-10-W Datasheet
2Mb / 2P
Wall mount Bracket
REV A
MMB-01-11-P MAXTENA-MMB-01-11-P Datasheet
671Kb / 2P
Wall mount Bracket
REV A
MMB-01-12-P MAXTENA-MMB-01-12-P Datasheet
773Kb / 2P
Wall mount Bracket
REV A
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com