Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1290B Datasheet(PDF) 1 Page - Pro-Signal

Part # 1290B
Description  Pole Mount Monitor Bracket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

1290B Datasheet(HTML) 1 Page - Pro-Signal

  1290B Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
15/11/21
Pole Mount Monitor Bracket
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro-SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Pole Mount Monitor Bracket
1290B
Features
•  Supports up to 22 lbs.
•  Meets VESA 75/100mm standard
•  Twin arm allows greater movement
•  Cable management clips
•  Maximum arm reach: 17.25”
•  Allows monitor to be tilted, swiveled or rotated
Description
Twin Arm Pole Mount for LCD Monitors Attaches LCD monitors having VESA 75 or 100 mounting patterns to any pole from
30mm to 60mm diameter (1.18” to 2.36”). It is perfect for stage or exhibition use, as it is compatible with virtually any
speaker stand or truss system. It is also great when installing monitors in public areas, retail stores, museum exhibits and
similar locations. Four models to choose from. See the Fits any 30mm to 60mm diameter pole including 35mm PA speaker
stands and 50mm standard truss.


Similar Part No. - 1290B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
1290 MA-COM-1290 Datasheet
60Kb / 3P
SURMOUNTTM Low Barrier 0201 Footprint Silicon Schottky Diodes
logo
List of Unclassifed Man...
1290 ETC2-1290 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
Ashcroft, Inc.
1290 ASHCROFT-1290 Datasheet
542Kb / 3P
1290 Direct Drive Process Pressure Gauge
RevB_11-11-22
logo
Keystone Electronics Co...
1290 KEYSTONE-1290 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
List of Unclassifed Man...
1290-66 ETC2-1290-66 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
More results

Similar Description - 1290B

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BPM-22260 BUD-BPM-22260 Datasheet
25Kb / 1P
UNIVERSAL POLE MOUNT BRACKET KIT SMALL SIZE BOXES
HWB-1790 BUD-HWB-1790 Datasheet
42Kb / 1P
HINGED WALL MOUNT BRACKET
logo
Panasonic Semiconductor
ET-PKV400B PANASONIC-ET-PKV400B Datasheet
37Kb / 1P
Projector Mount Bracket
logo
Tripp Lite. All Rights ...
SRLCDMOUNT TRIPPLITE-SRLCDMOUNT Datasheet
170Kb / 2P
Monitor Rack-Mount Bracket, 4U, for LCD Monitor up to 17-19 in.
logo
SparkFun Electronics
ROB-12252 SPARKFUN-ROB-12252 Datasheet
94Kb / 11P
Side Mount Bracket (pair)
2/15/2016
ROB-12533 SPARKFUN-ROB-12533 Datasheet
90Kb / 1P
Side Mount Bracket C
2/12/2016
logo
Maxtena Inc.
MMB-01-10-W MAXTENA-MMB-01-10-W Datasheet
2Mb / 2P
Wall mount Bracket
REV A
MMB-01-11-P MAXTENA-MMB-01-11-P Datasheet
671Kb / 2P
Wall mount Bracket
REV A
MMB-01-12-P MAXTENA-MMB-01-12-P Datasheet
773Kb / 2P
Wall mount Bracket
REV A
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com