Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCIB-12 Datasheet (PDF) - Midas Components

MCIB-12 Datasheet PDF - Midas Components
Part # MCIB-12
Download  MCIB-12 Download
File Size   1018.57 Kbytes
Page   4 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LCD Module

MCIB-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCIB-12 Datasheet PDF - Midas Components

Part # MCIB-12
Download  MCIB-12 Click to download

File Size   1018.57 Kbytes
Page   4 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LCD Module

MCIB-12 Datasheet (HTML) - Midas Components


MCIB-12 Product details

Display Features
Resolution 128 x 64
Appearance Black on White
Logic Voltage 3.3V
Interface Parallel / SPI
Font Set N/A
Display Mode Transflective
LC Type FSTN
Module Size 54.60 x 42.20 x 4.48
Operating Temperature -20°C ~ +70°C
Construction COG
LED Backlight White




Similar Part No. - MCIB-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCIB-12 ETC2-MCIB-12 Datasheet
1Mb / 8P
Uno32 Break?릓ut Board with SD Card and LED Backlight Driver.
logo
Midas Components
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
857Kb / 4P
LCD Module
Version:1 31/10/2016
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
2Mb / 18P
LCD Module
Version: 1 27/02/2016
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
2Mb / 22P
OLED Module
Version: 1 26/10/2012
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
1Mb / 21P
OLED Module
Version: 1 28/10/2012
More results


Similar Description - MCIB-12

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com