Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCIB-12 Datasheet (PDF) - Midas Components

MCIB-12 Datasheet PDF - Midas Components
Part # MCIB-12
Download  MCIB-12 Download
File Size   1154.52 Kbytes
Page   21 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description OLED Module

MCIB-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCIB-12 Datasheet PDF - Midas Components

Part # MCIB-12
Download  MCIB-12 Click to download

File Size   1154.52 Kbytes
Page   21 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description OLED Module

MCIB-12 Datasheet (HTML) - Midas Components


MCIB-12 Product details

Display Features
Resolution 128 x 64
Appearance White on Black
Logic Voltage 2.8V
Interface Multi
Module Size 42.04 x 27.22 x 1.45mm
Operating Temperature -40°C ~ +80°C
Construction COT




Similar Part No. - MCIB-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCIB-12 ETC2-MCIB-12 Datasheet
1Mb / 8P
Uno32 Break?릓ut Board with SD Card and LED Backlight Driver.
logo
Midas Components
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
1,018Kb / 4P
LCD Module
Version: 1 31/10/2016
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
857Kb / 4P
LCD Module
Version:1 31/10/2016
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
2Mb / 18P
LCD Module
Version: 1 27/02/2016
MCIB-12 MIDASDISPLAYS-MCIB-12 Datasheet
2Mb / 22P
OLED Module
Version: 1 26/10/2012
More results


Similar Description - MCIB-12

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMB3 NEWHAVEN-NHD-2.8-25664UMB3 Datasheet
408Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
NHD-0216KZW-AG5 NEWHAVEN-NHD-0216KZW-AG5_14 Datasheet
2Mb / 22P
OLED Display Module
logo
Crystalfontz America, I...
CFAL1602L0-Y CRYSTAIFONTZ-CFAL1602L0-Y Datasheet
361Kb / 10P
OLED DISPLAY MODULE
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com