Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet (PDF) - Midas Components

MPBV-7 Datasheet PDF - Midas Components
Part # MPBV-7
Download  MPBV-7 Download
File Size   1294.66 Kbytes
Page   16 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LCD Module

MPBV-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPBV-7 Datasheet PDF - Midas Components

Part # MPBV-7
Download  MPBV-7 Click to download

File Size   1294.66 Kbytes
Page   16 Pages
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components
Description LCD Module

MPBV-7 Datasheet (HTML) - Midas Components


MPBV-7 Product details

Display Features
Resolution 128 x 128
Appearance Black on White
Logic Voltage 3V
Interface I2C / Parallel / SPI
Font Set ---
Display Mode Transmissive
LC Type FSTN
Module Size 55.00 x 57.00 x 6.18mm
Operating Temperature -20°C ~ +70°C
Construction COG
LED Backlight White




Similar Part No. - MPBV-7

ManufacturerPart #DatasheetDescription
logo
Midas Components
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1,018Kb / 4P
LCD Module
Version: 1 31/10/2016
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
857Kb / 4P
LCD Module
Version:1 31/10/2016
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 20P
N/A LCD Module
Version: 3 13/04/2018
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 16P
LCD Module
Version: 1 03/09/2020
MPBV-7 MIDASDISPLAYS-MPBV-7 Datasheet
1Mb / 21P
OLED Module
Version: 1 22/10/2020
More results


Similar Description - MPBV-7

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
LCD MODULE
AGM1532A AZDISPLAYS-AGM1532A Datasheet
356Kb / 11P
LCD MODULE
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
LCD MODULE
AGM3224G AZDISPLAYS-AGM3224G Datasheet
448Kb / 13P
LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
LCD MODULE
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
LCD Module
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
LCD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com