Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPBV-7 Datasheet(PDF) 3 Page - Midas Components

Part # MPBV-7
Description  LCD Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MPBV-7 Datasheet(HTML) 3 Page - Midas Components

  MPBV-7 Datasheet HTML 1Page - Midas Components MPBV-7 Datasheet HTML 2Page - Midas Components MPBV-7 Datasheet HTML 3Page - Midas Components MPBV-7 Datasheet HTML 4Page - Midas Components MPBV-7 Datasheet HTML 5Page - Midas Components MPBV-7 Datasheet HTML 6Page - Midas Components MPBV-7 Datasheet HTML 7Page - Midas Components MPBV-7 Datasheet HTML 8Page - Midas Components MPBV-7 Datasheet HTML 9Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Interface Pin Function
Pin No. SYMBOL
Function
1
VG
VG is the power of SEG-drivers.
2
V0
Positive operating voltage of COM-drivers.
3
XV0
Negative operating voltage of COM-drivers.
4
CA1P
DC/DC voltage converter
5
CA1N
6
VDD
Power supply
7
VSS
Ground
8
COMSCN Set scan direction of COM.
9
IF2
These pins select interface operation mode.
10
IF1
11
IF0
12
CSB
Chip select input pin.
13
A0
It determines whether the access is related to data or command.
14
ERD
Read / Write execution control pin.
15
RWR
Read / Write execution control pin.
16
RSTB Hardware reset input pin
17-24
D0-D7
When using 8-bit parallel interface: 8080 or 6800 mode:8 bit bi-directional
data bus When using serial interface : 4-line SPI or 3-line SPI mode
D[7:4] : fix to “H” by VDD1. D[3:1] : serial input/output data (SDA).
D[0] : serial input clock (SCL). D1 to D3 must be connected together (SDA)
When using serial interface : I2C interface
D[7] : SA[1], I2C slave address bit. Must be connected to VDD1 or VSS1.
D[6] : SA[0], I2C slave address bit. Must be connected to VDD1 or VSS1.
D[5:4] : fix to “H” by VDD1. D[3:2] : SDA_OUT, serial data and
acknowledge output for the I2C interface. D[1] : SDA_IN, serial input data
D[0] : SCL, serial input clock .
D1 to D3 must be connected together (SDA)
CSB must be fixed to “L” by VSS1.
25
A
Anode input for LED backlight.
26
K
Cathode input for LED backlight
Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com