Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THAT4305 Datasheet (PDF) - THAT Corporation All rights reserved.

THAT4305 Datasheet PDF - THAT Corporation All rights reserved.
Part # THAT4305
Download  THAT4305 Download
File Size   228.83 Kbytes
Page   20 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Pre-trimmed Analog Engine® Dynamics Processor IC

THAT4305 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT4305 Datasheet PDF - THAT Corporation All rights reserved.

Part # THAT4305
Download  THAT4305 Click to download

File Size   228.83 Kbytes
Page   20 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description Pre-trimmed Analog Engine® Dynamics Processor IC

THAT4305 Datasheet (HTML) - THAT Corporation All rights reserved.


THAT4305 Product details

FEATURES
Pre-trimmed Blackmer® VCA &
RMS-level detector
Wide supply voltage range:
±4.5V ~ ±16V
Low supply current:
3.5 mA typ. (±15V)
Wide dynamic range:
117 dB (VCA)
60 dB (RMS-level detector)
APPLICATIONS
Compressors & Limiters
Gates & Expanders
AGCs
Line-operated dynamics processors
De-Essers
Duckers
Mixers
Level indicators
Companding noise reduction systems




Similar Part No. - THAT4305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
Pre-trimmed Analog Engine짰 IC
More results


Similar Description - THAT4305

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
CCD SENSORS ANALOG PROCESSOR IC
Oct-1998
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
Analog signal processor IC
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
logo
List of Unclassifed Man...
THAT4311 ETC-THAT4311 Datasheet
230Kb / 12P
Low-voltage, Low-power Analog Engine Dynamics Processor
THAT2180A ETC1-THAT2180A Datasheet
227Kb / 8P
Pre-Trimmed IC Voltage Controlled Amplifiers
THAT4301A ETC1-THAT4301A Datasheet
585Kb / 12P
THAT Analog Engine짰 IC Dynamics Processor
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
Pre-trimmed Analog Engine짰 IC
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
logo
List of Unclassifed Man...
2162Q16-U ETC2-2162Q16-U Datasheet
140Kb / 11P
Dual Pre-trimmed Blackmer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com