Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THAT4305 Datasheet(PDF) 2 Page - THAT Corporation All rights reserved.

Part # THAT4305
Description  Pre-trimmed Analog Engine® Dynamics Processor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT4305 Datasheet(HTML) 2 Page - THAT Corporation All rights reserved.

  THAT4305 Datasheet HTML 1Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 2Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 3Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 4Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 5Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 6Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 7Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 9Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Document 600067 Rev 02
Page 2 of 20
THAT4305 Pre-trimmed
Analog Engine® Dynamics Prcoessor IC
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2015, THAT Corporation; All rights reserved.
Operating Temperature Range (TOP)
-40 to +85 ºC
Junction Temperature (TJ)
-40 to +125 ºC
Power Dissipation (PD) at TA=85 ºC
400mW
Supply Voltages (VCC, VEE)
±18V
VCA Control Voltage
±0.6 V
Storage Temperature Range (TST)
-40 to +125 ºC
Absolute Maximum Ratings1
SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Power Supply
Positive Supply Voltage
VCC
Referenced to GND
+4.5
-
+16
V
Negative Supply Voltage
VEE
Referenced to GND
-4.5
-
-16
V
Supply Current
No Signal
ICC
VCC=+15V, VEE= -15V
3.5
5
mA
IEE
VCC=+15V, VEE= -15V
-3.5
-5
mA
ICC
VCC=+5V, VEE= -5V
2
mA
IEE
VCC=+5V, VEE= -5V
-2
mA
Voltage Controlled Amplifier (VCA)
Max. I/O Signal Current
iIN(VCA) + iOUT(VCA)
±1.8
mApeak
VCA Gain Range
-60
+60
dB
Gain at 0V Control
G0
EC+ = EC- = 0V
-1.0
0
+1.0
dB
Gain-Control Constant
EC+/Gain (dB)
-60 dB < gain < +60 dB
-
6.2
-
mV/dB
Gain-Control Tempco
ΔEC/ΔTCHIP
Ref TCHIP=27ºC
-
+0.33
-
%/ºC
Output Offset Voltage Change3
Δ VOFF(OUT)
ROUT = 20 k
Ω
0 dB gain
-
1
15
mV
+15 dB gain
-
3
30
mV
+30 dB gain
-
10
50
mV
Output Noise
eN(OUT)
0 dB gain
22Hz~22kHz, RIN=ROUT=20 k
Ω
-
-97.5
-95
dBV
Total Harmonic Distortion
THD
VIN= -5dBV, 1kHz, EC+ = EC- = 0V
0.07
0.15
%
RMS Level Detector
Output Voltage at Reference iIN
eO(0)
iIN = 7.5
μA RMS
-9
0
+9
mV
Output Error at Input Extremes
eO(RMS)error
iIN = 200 nA RMS
±1
±3
dB
iIN = 200
μA RMS
±1
±3
dB
Scale Factor Match to VCA
-20 dB < VCA gain < +20 dB
1
μa< iIN(RMS) < 100 μA
.95
1
1.05
-
Electrical Characteristics2
1. If the devices are subjected to stress above the Absolute Maximum Ratings, permanent damage may result. Sustained operation at or near the Absolute Maximum
Ratings conditions is not recommended. In particular, like all semiconductor devices, device reliability declines as operating temperature increases.
2. Unless otherwise noted, TA=25ºC, VCC=+15V, VEE= -15V.
3. Reference is to output offset with -60 dB VCA gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com