Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THAT4305 Datasheet(PDF) 17 Page - THAT Corporation All rights reserved.

Part # THAT4305
Description  Pre-trimmed Analog Engine® Dynamics Processor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT4305 Datasheet(HTML) 17 Page - THAT Corporation All rights reserved.

Back Button THAT4305 Datasheet HTML 12Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 13Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 14Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 15Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 16Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 17Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 18Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 19Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 20Page - THAT Corporation All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
, and
iR
6
= RMSOut
R6
iR
12
= RMSOut
R12
We'll choose a point about 6 dB above the
encoder output level (-56 dBV) corresponding with
an input level of -100 dBV.
. Therefore,
VIN
= 10(
−50dBV
20
)
= 3.16mVRMS
, And
0.00316V
8.87k
=
(−23.6−(−50))$0.0062
R6
R6
=
(−23.6−(−50))$0.0062
0.00316V
8.87k
= 459k l 464k
The same is true for R12.
Document 600067 Rev 02
Page 17 of 20
THAT4305 Pre-trimmed
Analog Engine® Dynamics Prcoessor IC
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2015, THAT Corporation; All rights reserved.
VCA Out
13
VCA In
15
U3A
THAT4305
RMS In
2
RMS Out
5
U3B
THAT4305
C11
1u
C13
10u
C12
1u
C15
22p
R7
21k0
R10
8k87
R8
84k5
R11
4k02
C17
3n3
C18
3n3
C14
22u
U5
Op-Amp
U4
Op-Amp
V+
Decode In
Decode Out
R9
2k32
R12
464k
R13
5k1
C21
220p
EC+
EC-
12
11
CT
4
Signal Path
De-emphasis
RMS Pre-emphasis
Figure 21. 4305 hi-fi 2:1 decoder circuit
VCA Out
13
VCA In
15
U1A
THAT4305
RMS In 2
RMS Out
5
U1B
THAT4305
C1
1u
C3
10u
C2
1u
C5
22p
R1
21k0
R3
2k32
R4
8k87
R2
84k5
R5
4k02
C7
3n3
C8
3n3
C4
22u
U3
Op-Amp
U2
Op-Amp
Vcc
R6
464k
Encode Out
Encode In
EC+
EC-
12
11
CT
4
Signal Path
Pre-emphasis
RMS
Pre-emphasis
Figure 20. 4305 hi-fi 2:1 encoder circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com