Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THAT4305 Datasheet(PDF) 13 Page - THAT Corporation All rights reserved.

Part # THAT4305
Description  Pre-trimmed Analog Engine® Dynamics Processor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT4305 Datasheet(HTML) 13 Page - THAT Corporation All rights reserved.

Back Button THAT4305 Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 10Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 11Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 12Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 13Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 14Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 15Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 16Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 17Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
The Sidechain
As noted earlier, for most effects compressors, it
is best not to linearly compress the entire dynamic
range of the audio signal.
To this end, in the
sidechain of figure 16, we have added a threshold
amplifier with ±30 dB of threshold adjustment. This
restricts compression to signals above the threshold,
passing those below threshold without any change.
Additionally, we added a compression ratio control
adjustable from 1:1 to ∞:1. Finally, we've added a
means to apply up to ±20 dB of static, or "make-up"
gain.
The input signal is fed into the RMS detector
through C1 and R1. Like the VCA, the input to the
detector is AC coupled.
This prevents any DC
current flowing into the detector's input from being
measured by the detector. If unchecked, such offsets
would limit resolution at low levels, producing an
artificial "floor" to the detector's low-level response.
As previously discussed (in the theory section),
the output of the detector is proportional to the log of
the RMS level of the input voltage. The output of the
detector will be approximately zero volts at the "zero
dB reference level" -- the point at which the RMS
value of the input current equals the timing current
(set at 7.5 μA for the 4305). We have chosen a value
of -10 dBu, (245 mVRMS) for the zero dB reference
level. The required input resistor can be calculated
as
.
R
=
245mVRMS
7.5 A
= 32.6k l 33k
Inverting threshold amplifier (U3) provides gain
of approximately -2 to the detector output signal
above threshold, and zero gain (AV=0) to signals
below threshold. The change in gain is accomplished
by D1 and D2, which allow negative-going output
signals to pass but block positive-going ones.
Because U3 is configured to invert, positive-going
signals at the RMS output (indicating increasing ac
input levels) are passed onwards, while negative-
going RMS outputs are blocked. By feeding variable
dc into this stage via R7 and the threshold pot R10,
we can vary the point at which RMS output signals
begin to be passed through to the threshold amplifier
stage’s output (at the junction of D2 and R2.)
The scaling at the output of the detector is
+6.2 mV/dB, but because R2 is approximately twice
R17, the threshold amplifier (U3) has a gain of -2, so
the scaling at its output is -12.4 mV/dB. To swing
the threshold over ±30 dB, we can calculate the
required value of R7 as follows:
.
15V
(
10k
R7
)
0.0124
V
dB
= 30dB
We can rearrange this to be
, and therefore,
10k
R7
= 30dB
15V $ 0.0124
V
dB
R7
= 403.2k
We chose 430 kΩ for R7.
U4 is a variable-gain inverter that serves to
buffer the VCA's control port, ensuring a low- imped-
ance drive at that point. (High impedances, even as
little as 50 to 100 ohms, will increase VCA distortion
at high signal levels.) Above threshold, when U4's
gain is -½, the net gain of the sidechain (from RMS
output to VCA control input) is unity, and the
compression ratio is ∞:1. The network of R3, R9,
and R11 in conjunction with R18, allows the gain of
U4 to vary from 0 to -½, and simultaneously shapes
the (linear) pot's response so that 50% rotation
results in 4:1 compression. 4:1 ratio at 50% rotation
is often considered a useful target.
Finally, R8 and R12 provide the means for
adding static, or "make-up" gain. The control-voltage
sensitivity at the output of U4 is 6.2 mV/dB.
Therefore,
.
15V
(
5.1k
R8
)
0.0062
V
dB
= 20dB
We can rearrange this to be
, and therefore,
5.1k
R8
= 20dB
15V $ 0.0062
V
dB
R8
=
5k
20dB
15V $0.0062
V
dB
= 625k
We've chosen 620 kΩ for R8 since it is the
nearest 5% value.
The signals in the sidechain, and at the output of
U4, are generally relatively slow moving, so the
sidechain does not usually require wide bandwidth.
Furthermore, noise on the VCA control port can
modulate the VCA signal, thus adding noise to the
signal path. Accordingly, we added C5 in order
reduce the noise gain of U4 at high frequencies,
which slightly reduces the high-frequency noise floor
Document 600067 Rev 02
Page 13 of 20
THAT4305 Pre-trimmed
Analog Engine® Dynamics Prcoessor IC
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2015, THAT Corporation; All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com