Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THAT4305 Datasheet(PDF) 12 Page - THAT Corporation All rights reserved.

Part # THAT4305
Description  Pre-trimmed Analog Engine® Dynamics Processor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.

THAT4305 Datasheet(HTML) 12 Page - THAT Corporation All rights reserved.

Back Button THAT4305 Datasheet HTML 8Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 9Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 10Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 11Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 12Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 13Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 14Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 15Page - THAT Corporation All rights reserved. THAT4305 Datasheet HTML 16Page - THAT Corporation All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
In this datasheet, we will show detailed circuits for
the 4305 in a relatively simple above-threshold
compressor, and in two simple companding systems.
As mentioned above, many other configurations of
the 4305 are possible. THAT intends to publish
additional circuits in forthcoming applications notes.
Please check with THAT's applications engineering
department to see if your application has been
covered yet, and for personalized assistance with
specific designs.
Feedforward Compressor/Limiter
The circuit in Figure 16 shows a typical hard-
knee, feedforward compressor/limiter. In addition to
compression ratio, the sidechain includes controls
for threshold and make-up gain as well.
The Signal Path
The input of the VCA (pin 15) is a virtual
ground, and R14 converts the input signal into a
current flowing into the VCA. The maximum total
signal current, (IIN + IOUT) is 1.8 mA with ±15 V
supplies, so R14 is sized to keep the maximum
current at unity gain to below this level. With peak
input voltage swing limited by the ±15 V supply rails,
the 20 kΩ resistor at R14 limits maximum iIN to
about 750 μA. At 0 dB gain, this will cause the same
current at the VCA output, which is converted back
to 15 V by U2 and R13 (also 20 kΩ). C2 provides AC
coupling, required to block any DC currents that
might otherwise flow into the VCA input.
This
prevents changes in gain from modulating this
current, which could produce audible "thumps".
The compensation circuit of R28 and C16 is
required for stability. The VCA must “see” a source
impedance no greater than 5 kΩ above 1 MHz. R28
in parallel with R14 accomplishes this. C16 is
chosen to prevent the added noise gain of the lower
source impedance from increasing noise within the
audio band.
Note that such compensation is unnecessary
when the voltage-to-current converting resistor (R14)
is 5 kΩ or less. For example, if the input signal were
limited to lower voltages, the input voltage-to-current
converting resistor (R14) could be reduced in value,
possibly eliminating the need for R28 and C16.
U2, along with C4 and R13 forms a trans-
impedance amplifier that converts the VCA's output
current into a voltage. C4 prevents the VCA's output
capacitance from destabilizing the op-amp in this
configuration.
Document 600067 Rev 02
Page 12 of 20
THAT4305 Pre-trimmed
Analog Engine® Dynamics Prcoessor IC
THAT Corporation; 45 Sumner Street; Milford, MA 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2015, THAT Corporation; All rights reserved.
Applications
Figure 16. 4305-based feedforward compressor
R1
33k
R2
10k
R7
430k
R9
1k43
R3
10k
R10
10k
Threshold
Increase
R11
10k
Compression
Ratio
C1
10u
R13
20k
C4
22p NPO
R14
20k
C2
10u
10u
R17
5k1
R18
5k1
C5
100n
R8
620k
R12
10k
Gain
Increase
C13
22u
C15
22p
D1
1N4148
D2
1N4148
-40 dBu
20 dBu
+20 dB
-20 dB
1:1 CR
INF:1 CR
+15V
+15V
C16
100p
R28
6k2
-15V
-15V
VCA Out
13
VCA In
15
9
U1A
THAT4305
RMS In
2
RMS Out
5
U1B
THAT4305
U2
U3
U4
C6
22p
+15V
+15V
-15V
Out
In
Vee
Gnd
EC+
Vcc
EC-
11
6
8
12
CT
4
CTIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com