Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2811268 Datasheet (PDF) - PHOENIX CONTACT

2811268 Datasheet PDF - PHOENIX CONTACT
Part # 2811268
Download  2811268 Download
File Size   133.1 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Signal conditioner - MINI MCR-SL-U-UI-NC - 2865007

2811268 Datasheet (PDF)

Go To PDF Page Download Datasheet
2811268 Datasheet PDF - PHOENIX CONTACT

Part # 2811268
Download  2811268 Click to download

File Size   133.1 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Signal conditioner - MINI MCR-SL-U-UI-NC - 2865007

2811268 Datasheet (HTML) - PHOENIX CONTACT


2811268 Product details

Product Description
The 6.2 mm wide configurable 3-way isolating amplifier MINI MCR-SL-U-UI-... is used for electrical isolation, conversion, amplification and filtering
of standard signals.
The signals 0...24 V and 0...30 V can be processed on the input side.
The analog signals 0...20 mA, 4...20 mA, 0...10 V, 2...10 V, 0...5 V or 1..5 V are available electrically isolated on the output side.
The DIP switches, which can be accessed on the side of the housing, can be used to configure the input and output signal ranges.
Power (19.2 V DC to 30 V DC) can be supplied through connection terminal blocks on the modules or in conjunction with the DIN rail connector.




Similar Part No. - 2811268

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2811268 PHOENIX-2811268 Datasheet
218Kb / 9P
MINI MCR-SL-CVS-24-5-10-NC
2811268 PHOENIX-2811268 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2811268 PHOENIX-2811268 Datasheet
132Kb / 9P
Signal conditioner - MINI MCR-SL-I-U-4 - 2813538
12/30/2019
2811268 PHOENIX-2811268 Datasheet
127Kb / 7P
Resistance/potiposition transducer - MINI MCR-SL-R-UI - 2864095
01/12/2017
2811268 PHOENIX-2811268 Datasheet
128Kb / 8P
Signal conditioner - MINI MCR-SL-UI-UI-NC - 2864150
01/12/2017
More results


Similar Description - 2811268

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902026 PHOENIX-2902026 Datasheet
99Kb / 6P
Signal conditioner - MINI MCR-2-UNI-UI-UIRO
2902040 PHOENIX-2902040 Datasheet
98Kb / 6P
Signal conditioner - MINI MCR-2-UI-UI-PT
2902042 PHOENIX-2902042 Datasheet
91Kb / 6P
Signal conditioner - MINI MCR-2-U-U
2902829 PHOENIX-2902829 Datasheet
87Kb / 9P
Signal conditioner - MINI MCR-SL-UI-I-LP-NC
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
2810780 PHOENIX-2810780 Datasheet
157Kb / 11P
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
09/12/2020
2810939 PHOENIX-2810939 Datasheet
102Kb / 6P
Signal conditioner - MCR-C-UI-UI-DCI-NC
09/12/2020
2814867 PHOENIX-2814867 Datasheet
100Kb / 5P
Signal conditioner - MCR-FL-C-UI-2UI-DCI-NC
09/12/2020
2902830 PHOENIX-2902830 Datasheet
79Kb / 8P
Signal conditioner - MINI MCR-SL-UI-I-LP-SP-NC
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com