Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFP-100-100RW-S Datasheet (PDF) - Anaren Microwave

RFP-100-100RW-S Datasheet PDF - Anaren Microwave
Part # RFP-100-100RW-S
Download  RFP-100-100RW-S Download
File Size   222.75 Kbytes
Page   2 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Full Flange Resistor 100 Watts, 100Ohms

RFP-100-100RW-S Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP-100-100RW-S Datasheet PDF - Anaren Microwave

Part # RFP-100-100RW-S
Download  RFP-100-100RW-S Click to download

File Size   222.75 Kbytes
Page   2 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Full Flange Resistor 100 Watts, 100Ohms

RFP-100-100RW-S Datasheet (HTML) - Anaren Microwave




Similar Part No. - RFP-100-100RW-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-100-100RW ANAREN-RFP-100-100RW Datasheet
513Kb / 2P
Flanged Resistors 100 Watts, 100 ohm
More results


Similar Description - RFP-100-100RW-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
H100NA20X4 ANAREN-H100NA20X4 Datasheet
339Kb / 2P
Flange Attenuator 100 Watts, 20 dB
RFP-800-100R-S ANAREN-RFP-800-100R-S Datasheet
269Kb / 2P
Flanged Resistor 800 Watts, 100
RFP-100-50RW-S ANAREN-RFP-100-50RW-S Datasheet
202Kb / 2P
Full Flange Resistor 100 Watts, 50Ohms
RFP-100-XXAE-S ANAREN-RFP-100-XXAE-S Datasheet
203Kb / 2P
Full Flange Attenuators 100 Watts
RFP-150-50TCGF-S ANAREN-RFP-150-50TCGF-S Datasheet
351Kb / 2P
Full Flange Termination 150 Watts, 50Ohms
RFP-150-100RCGF-S ANAREN-RFP-150-100RCGF-S Datasheet
272Kb / 2P
Flanged Resistor 150 Watts, 100Ohms
RFP-150-100RCGN-S ANAREN-RFP-150-100RCGN-S Datasheet
241Kb / 2P
Flangeless Resistor 150 Watts, 100Ohms
logo
Innovative Power Produc...
IPP-RB211-50 IPP-IPP-RB211-50 Datasheet
53Kb / 1P
RESISTOR, 100 WATT, FLANGE
IPP-RB221-25 IPP-IPP-RB221-25 Datasheet
56Kb / 1P
RESISTOR, 100 WATT, FLANGE
IPP-RB211-200 IPP-IPP-RB211-200 Datasheet
53Kb / 1P
RESISTOR, 100 WATT, FLANGE
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com