Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO4420 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4420 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4420
Download  AO4420 Download
File Size   170.56 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AO4420 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4420 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4420
Download  AO4420 Click to download

File Size   170.56 Kbytes
Page   4 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AO4420 Datasheet (HTML) - Alpha & Omega Semiconductors


AO4420 Product details

General Description
The AO4420 uses advanced trench technology to provide excellent RDS(ON), shoot-through immunity and body diode characteristics. This device is suitable for use as a synchronous switch in PWM applications.
   
Product Summary
    VDS (V) = 30V
    ID = 13.7A (VGS = 10V)
    RDS(ON) < 10.5mΩ (VGS = 10V)
    RDS(ON) < 12mΩ (VGS = 4.5V)

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4420 ETC1-AO4420 Datasheet
476Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
logo
shenzhen wanhexing Elec...
AO4420 WHXPCB-AO4420 Datasheet
1Mb / 4P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4420 KEXIN-AO4420 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4420 VBSEMI-AO4420 Datasheet
1,007Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4420 DOINGTER-AO4420 Datasheet
475Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com