Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO4420 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4420 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4420
Download  AO4420 Download
File Size   1697.2 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4420 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4420 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4420
Download  AO4420 Click to download

File Size   1697.2 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4420 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4420 Product details

General Description
The AO4420 uses advanced trench technology to provide excellent RDS(ON), shoot-through immunity and body diode characteristics. This device is suitable for use as a synchronous switch in PWM applications.
 
Product Summary
    VDS (V) = 30V
    ID = 13.7A (VGS = 10V)
    RDS(ON) < 10.5mΩ (VGS = 10V)
    RDS(ON) < 12mΩ (VGS = 4.5V)

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO4420 ETC1-AO4420 Datasheet
476Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4420 AOSMD-AO4420 Datasheet
170Kb / 4P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4420 KEXIN-AO4420 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4420 VBSEMI-AO4420 Datasheet
1,007Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4420 DOINGTER-AO4420 Datasheet
475Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com