Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KA3012D Datasheet (PDF) - Fairchild Semiconductor

KA3012D Datasheet PDF - Fairchild Semiconductor
Part # KA3012D
Download  KA3012D Download
File Size   238.61 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Channel Motor Driver

KA3012D Datasheet (PDF)

Go To PDF Page Download Datasheet
KA3012D Datasheet PDF - Fairchild Semiconductor

Part # KA3012D
Download  KA3012D Click to download

File Size   238.61 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4-Channel Motor Driver

KA3012D Datasheet (HTML) - Fairchild Semiconductor


KA3012D Product details

Description
The KA3012D is a monolithic IC, and suitable for 4-CH motor driver which drives sled motor, loading motor, focus & tracking actuator of CD-media system and built in OP-amp which can receive digital signal from servo of CD-media system.

Features
• BTL (H-Bridge type linear) 4channel motor driver
• Wide dynamic range:
    - SVCC=12V, PVCC1=5V, RL=8Ω → VOM=4.2V
    - SVCC=12V, PVCC2=12V, RL=24Ω → VOM=10.4V
• Built in level-shift circuit
• Built in OP-amp for digital input
• Built in thermal shutdown (TSD) circuit
• Three independent sources
• Low crossover distortion
• Built-in reverse rotation prevented
• Built-in short breaker

Typical Applications
• Compact disk ROM (CD-ROM)
• Compact disk RW (CD-RW)
• Digital video disk ROM (DVD-ROM)
• Digital video disk RAM (DVD-RAM)
• Digital video disk player (DVDP)
• Other compact disk media




Similar Part No. - KA3012D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
4-CH MOTOR DRIVER
KA3011 FAIRCHILD-KA3011 Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3011BDTF FAIRCHILD-KA3011BDTF Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
Spindle 4-CH Motor Driver
More results


Similar Description - KA3012D

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
4-CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
4-Channel Motor Driver
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
4-Channel Motor Driver
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
4 CHANNEL DRIVER MOTOR DRIVER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com