Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KA3011 Datasheet (PDF) - Fairchild Semiconductor

KA3011 Datasheet PDF - Fairchild Semiconductor
Part # KA3011
Download  KA3011 Download
File Size   317.83 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Phase BLDC Motor Driver

KA3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA3011 Datasheet PDF - Fairchild Semiconductor

Part # KA3011
Download  KA3011 Click to download

File Size   317.83 Kbytes
Page   16 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Phase BLDC Motor Driver

KA3011 Datasheet (HTML) - Fairchild Semiconductor


KA3011 Product details

Description
The KA3011BD is a monolithic IC, suitable for a 3-phase spindle motor driver of a CD-media system.

Features
• 3-phase, full-wave, linear BLDC motor driver
• Power save at stop mode
• Built-in current limiter
• Built-in TSD (Thermal shutdown) circuit
• Built-in 3X or 1X hall FG output
• Built-in hall bias circuit
• Built-in rotational direction detector
• Built-in reverse rotation preventer
• Built-in short braker
• Corresponds to 3.3V or 5V DSP

Typical Applications
• Compact disk ROM (CD-ROM) spindle motor
• Compact disk RW (CD-RW) spindle motor
• Digital video disk ROM (DVD-ROM) spindle motor
• Digital video disk RAM (DVD-RAM) spindle motor
• Digital video disk Player (DVDP) spindle motor
• Other compact disk media spindle motor
• Other 3-phase BLDC motor




Similar Part No. - KA3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
4-CH MOTOR DRIVER
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
4-Channel Motor Driver
KA3012D-02 FAIRCHILD-KA3012D-02 Datasheet
238Kb / 13P
4-Channel Motor Driver
KA3012D-02TF FAIRCHILD-KA3012D-02TF Datasheet
238Kb / 13P
4-Channel Motor Driver
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
Spindle 4-CH Motor Driver
More results


Similar Description - KA3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com