Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEG9926 Datasheet (PDF) - Chino-Excel Technology

CEG9926 Datasheet PDF - Chino-Excel Technology
Part # CEG9926
Download  CEG9926 Download
File Size   56.14 Kbytes
Page   5 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Dual N-Channel Enhancement Mode Field Effect Transistor

CEG9926 Datasheet (PDF)

Go To PDF Page Download Datasheet
CEG9926 Datasheet PDF - Chino-Excel Technology

Part # CEG9926
Download  CEG9926 Click to download

File Size   56.14 Kbytes
Page   5 Pages
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology
Description Dual N-Channel Enhancement Mode Field Effect Transistor

CEG9926 Datasheet (HTML) - Chino-Excel Technology


CEG9926 Product details

FEATURES
■ 20V , 4.5A , RDS(ON)=30mΩ @VGS=4.5V.
                       RDS(ON)=40mΩ @VGS=2.5V.
■ Super high dense cell design for extremely low RDS(ON).
■ High power and current handing capability.
■ TSSOP-8 for Surface Mount Package.




Similar Part No. - CEG9926

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CEG SENSATA-CEG Datasheet
2Mb / 24P
Hydraulic Magnetic Circuit Protectors
CEG SENSATA-CEG Datasheet
1Mb / 26P
Hydraulic Magnetic Circuit Protectors
Revised 01/17/20
logo
PANDUIT CORP.
CEG-02X1 PANDUIT-CEG-02X1 Datasheet
1Mb / 8P
Cable Entry Systems
09/2022
CEG-02X2 PANDUIT-CEG-02X2 Datasheet
1Mb / 8P
Cable Entry Systems
09/2022
CEG-02X4 PANDUIT-CEG-02X4 Datasheet
1Mb / 8P
Cable Entry Systems
09/2022
More results


Similar Description - CEG9926

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com