Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEG9926 Datasheet(PDF) 2 Page - Chino-Excel Technology

Part # CEG9926
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEG9926 Datasheet(HTML) 2 Page - Chino-Excel Technology

  CEG9926 Datasheet HTML 1Page - Chino-Excel Technology CEG9926 Datasheet HTML 2Page - Chino-Excel Technology CEG9926 Datasheet HTML 3Page - Chino-Excel Technology CEG9926 Datasheet HTML 4Page - Chino-Excel Technology CEG9926 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250
µA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
µA
Gate-Body Leakage
IGSS
VGS= 8V, VDS=0V
nA
ON CHARACTERISTICS
b
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250
µA
0.5
1.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=4.5A
30
m
Ω
40
m
Ω
On-State Drain Current
ID(ON)
VDS=5V, VGS=4.5V
10
A
10
S
Forward Transconductance
FS
g
VDS=10V, ID=4.5A
DYNAMIC CHARACTERISTICS
C
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
Reverse Transfer Capacitance
VDS =8V, VGS =0V
f =1.0MHZ
500
P
F
300
P
F
P
F
140
SWITCHING CHARACTERISTICS
C
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
Fall time
VDD =10V,
ID =1A,
VGEN = 4.5V,
RGEN = 6
Ω
20
40
ns
ns
ns
ns
18
40
60
108
56
28
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =10V, ID =4.5A,
VGS =4.5V
10
15
nC
nC
nC
2.3
2.9
C
9-18
32
24
CEG9926
9
VGS=2.5V, ID=3.5A
VGS=4.0V, ID=5A
23
m
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com