Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VE-J0B-MY Datasheet (PDF) - Vicor Corporation

VE-J0B-MY Datasheet PDF - Vicor Corporation
Part # VE-J0B-MY
Download  VE-J0B-MY Download
File Size   297.62 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 25 to 100 Watts

VE-J0B-MY Datasheet (PDF)

Go To PDF Page Download Datasheet
VE-J0B-MY Datasheet PDF - Vicor Corporation

Part # VE-J0B-MY
Download  VE-J0B-MY Click to download

File Size   297.62 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 25 to 100 Watts

VE-J0B-MY Datasheet (HTML) - Vicor Corporation


VE-J0B-MY Product details

Product Highlights
The VI-J00 MiniMod family established a new standard in component-level DC-DC converters. This “junior” size complement to the higher power VI-200 family offers up to 100 W of isolated and regulated power in a board mounted package. With thousands of input/output/power combinations, and with a maximum operating temperature rating of 100˚C, the MiniMod provides nearly unlimited flexibiliy for power system designers to meet demanding time to market requirements.

Features
• RoHS compliant (VE versions)
• Up to 50 Watts per cubic inch
• cULus, cTÜVus
• CE Marked
• Up to 90% efficiency
• Size: 2.28" x 2.4" x 0.5" (57,9 x 61,0 x 12,7)
• Remote sense and current limit
• Logic disable
• Wide range output adjust
• ZCS power architecture
• Low noise FM control
• Isolated output




Similar Part No. - VE-J0B-MY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-J00 VICOR-VE-J00 Datasheet
190Kb / 5P
Half Brick DC-DC Converters 25 to 100 Watts
VE-J00 VICOR-VE-J00 Datasheet
302Kb / 6P
Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
VE-J00 VICOR-VE-J00 Datasheet
297Kb / 6P
Half Brick, DC-DC Converters
More results


Similar Description - VE-J0B-MY

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J00 VICOR-VI-J00 Datasheet
33Kb / 2P
DC-DC Converters 25 to 100 Watts
logo
Astec America, Inc
AA25N ASTEC-AA25N Datasheet
516Kb / 2P
25 Watts
AEV05F24 ASTEC-AEV05F24 Datasheet
434Kb / 2P
25 Watts
ALT06F48 ASTEC-ALT06F48 Datasheet
156Kb / 2P
25-30 Watts
LPS25 ASTEC-LPS25 Datasheet
77Kb / 3P
25 Watts
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
logo
Vicor Corporation
VI-J00 VICOR-VI-J00_1 Datasheet
190Kb / 5P
Half Brick DC-DC Converters 25 to 100 Watts
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
Half Brick DC-DC Converters 25 to 100 Watts
logo
Pasternack Enterprises,...
PE2BL1004 PASTERNACK-PE2BL1004 Datasheet
615Kb / 5P
50 Ohm to 25 Ohm Balun From 100 MHz to 520 MHz Up to 100 Watts Surface Mount(SMT)
logo
Wall Industries,Inc.
DCQEB100 WALL-DCQEB100 Datasheet
429Kb / 5P
Up to 100 Watts Output Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com