Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VE-J0B-MY Datasheet(PDF) 2 Page - Vicor Corporation

Part # VE-J0B-MY
Description  25 to 100 Watts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-J0B-MY Datasheet(HTML) 2 Page - Vicor Corporation

  VE-J0B-MY Datasheet HTML 1Page - Vicor Corporation VE-J0B-MY Datasheet HTML 2Page - Vicor Corporation VE-J0B-MY Datasheet HTML 3Page - Vicor Corporation VE-J0B-MY Datasheet HTML 4Page - Vicor Corporation VE-J0B-MY Datasheet HTML 5Page - Vicor Corporation VE-J0B-MY Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VI-J00 DC-DC Converters
Rev 2.8
vicorpower.com
Page 2 of 6
10/2013
800 927.9474
VI-J00, VE-J00
Low Line
Voltage
75%
Transient[a]
Vin
2
3.3
5
5.2 5.5 5.8 6.5 7.5 10
12 13.8 15 18.5 24 28
36
40
48
52
72 85
95
Nom. (Range)
Max Power
Designators
Z
Y
0
X
W
V
T
R
M
1
P
2
N
3
L
J
K
4
H
F
D
B
12 (10-20)
n/a
22
0
X
X
Y
Y
Y
Y
Y
Y
X
X
X
X
X
X
X
X
X
X
X
X
X
X
24 (10-36)
n/a
n/a
V
--
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
Y
--
--
--
--
24 (21-32)
18
36
1
W
W
W
W
W
W
X
X
W
W
W
W
W
W
W
W
W
W
W
W
W
W
24 (18-36)
n/a
n/a
W
W
W
W
W
W
W
X
X
W
W
W
W
W
W
W
W
W
W
W
W
W
W
36 (21-56)
18
60
2
Y
Y
Y
Y
Y
Y
Y
Y
X
X
X
X
X
X
X
X
X
X
X
--
--
--
48 (42-60)
36
72
3
W
W
W
W
W
W
X
X
W
W
W
W
W
W
W
W
W
W
W
W
W
W
48 (36-76)
n/a
n/a
N
W
W
X
X
X
X
X
X
W
W
W
W
W
W
W
W
W
W
W
W
W
W
72 (55-100)
45
110
4
W
W
W
W
W
W
X
X
W
W
W
W
W
W
W
W
W
W
W
W
W
W
110 (66-160)
n/a
n/a
T
W
W
X
X
X
X
X
X
W
W
W
W
W
W
W
W
W
W
W
W
--
--
150 (100-200)
85
215
5
W
W
W
W
W
W
X
X
W
W
W
W
W
W
W
W
W
W
W
W
W
W
150 (100-375)
n/a
n/a
7
Y
Y
Y
Y
Y
Y
Y
Y
X
X
X
X
X
X
X
X
X
X
X
--
--
--
300 (200-400)
170
425
6
W
W
W
W
W
W
X
X
W
W
W
W
W
W
W
W
W
W
W
W
W
W
Vout Designators
Output
Input
Maximum Power Available for VI-Jxx-xx
[a] Transient voltage for 1 second.
CONVERTERSPECIFICATIONS
(typical at TBP = 25°C, nominal line and 75% load, unless otherwise specified)
VI-J00E-Grade
VI-J00C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Inrush charge
60 x 10
-6
60 x 10
-6
100 x 10
-6
Coulombs
Nominal line
Input reflected
10%
10%
IIN
Nominal line, full load
ripple current – pp
Input ripple rejection
dB
120 Hz, nominal line
dB
2400 Hz, nominal line
No load power dissipation
1.35
2
1.35
2
Watts
25 + 20 Log
(Vin )
Vout
INPUTSPECIFICATIONS
30+20 Log
( Vin )
Vout
20+20 Log
( Vin )
Vout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com