Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT28F322D20 Datasheet (PDF) - Micron Technology

MT28F322D20 Datasheet PDF - Micron Technology
Part # MT28F322D20
Download  MT28F322D20 Download
File Size   526.96 Kbytes
Page   44 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F322D20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT28F322D20 Datasheet PDF - Micron Technology

Part # MT28F322D20
Download  MT28F322D20 Click to download

File Size   526.96 Kbytes
Page   44 Pages
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology
Description FLASH MEMORY

MT28F322D20 Datasheet (HTML) - Micron Technology


MT28F322D20 Product details

GENERAL DESCRIPTION
The MT28F322D20 and MT28F322D18 are highperformance, high-density, nonvolatile Flash memory solutions that can significantly improve system performance. This new architecture features a two-memory-bank configuration that supports dual-bank operation with no latency.

FEATURES
• Flexible dual-bank architecture
    – Support for true concurrent operation with zero latency
    – Read bank a during program bank b and vice versa
    – Read bank a during erase bank b and vice versa
• Basic configuration: Seventy-one erasable blocks
    – Bank a (8Mb for data storage)
    – Bank b (24Mb for program storage)
• VCC, VCCQ, VPP voltages
    – 1.70V (MIN), 1.90V (MAX) VCC, VCCQ (MT28F322D18 only)
    – 1.80V VCC, VCCQ (MIN); 2.20V VCC (MAX)and 2.25V VCCQ (MAX) (MT28F322D20 only)
    – 0.9V (TYP) VPP (in-system PROGRAM/ERASE)
    – 12V ±5% (HV) VPP tolerant (factory programming compatibility)
• Random access time: 70ns/80ns @ 1.70V VCC
• Burst Mode read access (MT28F322D20)
    – MAX clock rate: 54 MHz (tCLK = 18.5ns)
    – Burst latency: 70ns @ 1.80V VCC and 54 MHz
    – tACLK: 17ns @ 1.80V VCC and 54 MHz
• Page Mode read access1
    – Eight-word page
    – Interpage read access: 70ns/80ns @ 1.80V
    – Intrapage read access: 30ns @ 1.80V
• Low power consumption (VCC = 2.20V)
    – Asynchronous READ < 15mA (MAX)
    – Standby < 50µA
    – Automatic power saving feature (APS)
• Enhanced write and erase suspend options
    – ERASE-SUSPEND-to-READ within same bank
    – PROGRAM-SUSPEND-to-READ within same bank
    – ERASE-SUSPEND-to-PROGRAM within same bank
• Dual 64-bit chip protection registers for security purposes
• Cross-compatible command support
    – Extended command set
    – Common flash interface
• PROGRAM/ERASE cycle
    – 100,000 WRITE/ERASE cycles per block




Similar Part No. - MT28F322D20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F322P3 MICRON-MT28F322P3 Datasheet
395Kb / 36P
FLASH MEMORY
More results


Similar Description - MT28F322D20

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
FLASH MEMORY
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
FLASH MEMORY
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com