Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXOLP Datasheet (PDF) - PETERMANN-TECHNIK

SXOLP Datasheet PDF - PETERMANN-TECHNIK
Part # SXOLP
Download  SXOLP Download
File Size   856.74 Kbytes
Page   3 Pages
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK
Description SMD SPXO 2.5x2.0mm 5.0 VDC 32.768 kHz LP

SXOLP Datasheet (PDF)

Go To PDF Page Download Datasheet
SXOLP Datasheet PDF - PETERMANN-TECHNIK

Part # SXOLP
Download  SXOLP Click to download

File Size   856.74 Kbytes
Page   3 Pages
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK
Description SMD SPXO 2.5x2.0mm 5.0 VDC 32.768 kHz LP

SXOLP Datasheet (HTML) - PETERMANN-TECHNIK




Similar Part No. - SXOLP

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SXOLP-03025 PETERMANN-SXOLP-03025 Datasheet
852Kb / 3P
Low power version / Stand-by current 1.5 關A max.
SXOLP-03025-S-E-50-W PETERMANN-SXOLP-03025-S-E-50-W Datasheet
852Kb / 3P
Low power version / Stand-by current 1.5 關A max.
More results


Similar Description - SXOLP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECS-327SMO ETC1-ECS-327SMO Datasheet
54Kb / 1P
32.768 KHz SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECX-26X ECS-ECX-26X Datasheet
167Kb / 1P
32.768 KHz SMD TUNING FORK CRYSTAL
ECX-26 ECS-ECX-26 Datasheet
75Kb / 1P
32.768 KHz SMD TUNING FORK CRYSTAL
logo
Abracon Corporation
ABS25-32.768KHZ-T ABRACON-ABS25-32.768KHZ-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25-32.768KHZ-6-T ABRACON-ABS25-32.768KHZ-6-T Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
05.31.11
ABS25 ABRACON-ABS25_15 Datasheet
1Mb / 2P
32.768 kHz LOW FREQUENCY SMD CRYSTAL
06.06.14
logo
PETERMANN-TECHNIK
M3215A PETERMANN-M3215A Datasheet
600Kb / 3P
SMD WATCH CRYSTAL 32.768 kHz
SXO30LP PETERMANN-SXO30LP Datasheet
889Kb / 3P
SMD SPXO 2.5x2.0mm 3.0 VDC LP MHz
SXO28LP-02502 PETERMANN-SXO28LP-02502 Datasheet
888Kb / 3P
SMD SPXO 2.5x2.0mm 2.8 VDC LP MHz
SXO28LP-02016 PETERMANN-SXO28LP-02016 Datasheet
888Kb / 3P
SMD SPXO 2.0x1.6mm 2.8 VDC LP MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com