Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXO30LP Datasheet (PDF) - PETERMANN-TECHNIK

SXO30LP Datasheet PDF - PETERMANN-TECHNIK
Part # SXO30LP
Download  SXO30LP Download
File Size   889.27 Kbytes
Page   3 Pages
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK
Description SMD SPXO 2.5x2.0mm 3.0 VDC LP MHz

SXO30LP Datasheet (PDF)

Go To PDF Page Download Datasheet
SXO30LP Datasheet PDF - PETERMANN-TECHNIK

Part # SXO30LP
Download  SXO30LP Click to download

File Size   889.27 Kbytes
Page   3 Pages
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK
Description SMD SPXO 2.5x2.0mm 3.0 VDC LP MHz

SXO30LP Datasheet (HTML) - PETERMANN-TECHNIK




Similar Part No. - SXO30LP

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SXO30LP-03025 PETERMANN-SXO30LP-03025 Datasheet
885Kb / 3P
Low power version / Stand-by current 10 關A max.
SXO30LP-03025-S-E-50-W PETERMANN-SXO30LP-03025-S-E-50-W Datasheet
885Kb / 3P
Low power version / Stand-by current 10 關A max.
More results


Similar Description - SXO30LP

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
AELKF1 AEL-AELKF1 Datasheet
108Kb / 1P
2.5x2.0mm SMD Oscillators - Type KF1
logo
TAI-SAW TECHNOLOGY CO.,...
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
logo
Fox Electronics
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
logo
PETERMANN-TECHNIK
SXOLP PETERMANN-SXOLP Datasheet
856Kb / 3P
SMD SPXO 2.5x2.0mm 5.0 VDC 32.768 kHz LP
SXO28LP-02502 PETERMANN-SXO28LP-02502 Datasheet
888Kb / 3P
SMD SPXO 2.5x2.0mm 2.8 VDC LP MHz
SXO28LP-02016 PETERMANN-SXO28LP-02016 Datasheet
888Kb / 3P
SMD SPXO 2.0x1.6mm 2.8 VDC LP MHz
SXO28-05032 PETERMANN-SXO28-05032 Datasheet
985Kb / 4P
SMD SPXO 5.0x3.2mm 2.8 VDC MHz
logo
Fox Electronics
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
O2HS FOX-O2HS Datasheet
296Kb / 8P
HCMOS 2.5x2.0mm SMD Oscillator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com