Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N821 Datasheet (PDF) - Microsemi Corporation

1N821 Datasheet PDF - Microsemi Corporation
Part # 1N821
Download  1N821 Download
File Size   364.03 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N821 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N821 Datasheet PDF - Microsemi Corporation

Part # 1N821
Download  1N821 Click to download

File Size   364.03 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TEMPERATURE COMPENSATED ZENER REFERENCE DIODES

1N821 Datasheet (HTML) - Microsemi Corporation


1N821 Product details

DESCRIPTION

The popular 1N821 thru 1N829 series of Zero-TC Reference Diodes provides a selection of both 6.2 V and 6.55 V nominal voltages and temperature coefficients to as low as 0.0005%/oC for minimal voltage change with temperature when operated at 7.5 mA. These glass axial leaded DO-7 reference diodes are also available in JAN, JANTX, JANTXV, and JANS military qualifications. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages up to 200 V.



FEATURES

• JEDEC registered 1N821 thru 1N829 series

• Internal metallurgical bonds

• Double anode option with 1N822 and 1N824 selection

• Reference voltage selection of 6.2 V & 6.55 V +/-5% with further tight tolerance options at nominal of 6.35 V • 1N821, 823, 825, 827 and 829 also have military qualification to MIL-PRF-19500/159 up to the JANS level by adding JAN, JANTX, JANTXV, or JANS prefixes to part numbers as well as the “-1” suffix, e.g. JANTX1N829-1, etc.

• Radiation Hardened devices available by changing “1N” prefix to “RH”, e.g. RH827, RH 829, RH829A, etc. Also consult factory for “RH” data sheet brochure

• Military surface mount equivalents also available in DO-213AA with UR-1 suffix and JAN, JANTX, or JANTXV prefix, e.g. JANTX1N829UR-1 (see separate data sheet)

• Also available in smaller axial-leaded DO-35 package (see separate data sheet)



APPLICATIONS / BENEFITS

• Provides minimal voltage changes over a broad temperature range

• For instrumentation and other circuit designs requiring a stable voltage reference

• Maximum temperature coefficient selections available from 0.01%/ºC to 0.0005%/ºC

• Tight voltage tolerances with nominal reference voltages of 6.35 V available by adding tolerance 1%, 2%, 3%, etc. after the part number for identification e.g. 1N827-2%, 1N829A -1%, 1N829-1-1%, etc.

• Flexible axial-lead mounting terminals

• Nonsensitive to ESD per MIL-STD-750 Method 1020



 




Similar Part No. - 1N821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
NXP Semiconductors
1N821 PHILIPS-1N821 Datasheet
28Kb / 5P
Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N821 CDI-DIODE-1N821 Datasheet
97Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
76Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Similar Description - 1N821

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N821 NJSEMI-1N821 Datasheet
37Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com