Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N821 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N821
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N821 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N821 Datasheet HTML 1Page - Microsemi Corporation 1N821 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
15
JEDEC
ZENER
ZENER
MAXIMUM
VOLTAGE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE
TEMPERATURE
NUMBER
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
v
z
@ I
ZT
I
ZT
(Note 1)
³V
ZT
Z
ZT
-55° to +100°
(Note 2)
VOLTS
mA
OHMS
mV
% / °C
1N821
5.9—6.5
7.5
15
96
0.01
1N821A
5.9—6.5
7.5
10
96
0.01
1N822 †
5.9—6.5
7.5
15
96
0.01
1N823
5.9—6.5
7.5
15
48
0.005
1N823A
5.9—6.5
7.5
10
48
0.005
1N824 †
5.9—6.5
7.5
15
48
0.005
1N825
5.9—6.5
7.5
15
19
0.002
1N825A
5.9—6.5
7.5
10
19
0.002
1N826
6.2—6.9
7.5
15
20
0.002
1N827
5.9—6.5
7.5
15
9
0.001
1N827A
5.9—6.5
7.5
10
9
0.001
1N828
6.2—6.9
7.5
15
10
0.001
1N829
5.9—6.5
7.5
15
5
0.0005
1N829A
5.9—6.5
7.5
10
5
0.0005
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 2µA @ 25°C & VR = 3 Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
† Double Anode: Electrical Speci½cations Apply Under Both Bias Polarities.
NOTE 1
Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c. current equal
to 10% of l
ZT
.
NOTE 2
The maximum allowable change observed over the entire temperature range i.e.,
the diode voltage will not exceed the speci½ed mV at any discrete temperature
between the established limits, per JEDEC standard No. 5.
• 1N821-1,1N823-1,1N825-1,1N827-1 AND 1N829-1 AVAILABLE IN
JAN, JANTX, JANTXV
AND JANS PER MIL-PRF-19500/159
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• METALLURGICALLY BONDED
• DOUBLE PLUG CONSTRUCTION
1N821 thru 1N829A
and
1N821-1 thru 1N829-1


Similar Part No. - 1N821

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N821 MOTOROLA-1N821 Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
NXP Semiconductors
1N821 PHILIPS-1N821 Datasheet
28Kb / 5P
Voltage reference diodes
1996 Mar 20
logo
Compensated Deuices Inc...
1N821 CDI-DIODE-1N821 Datasheet
97Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N821 MICROSEMI-1N821 Datasheet
76Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N821 MICROSEMI-1N821 Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N821

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N821 NJSEMI-1N821 Datasheet
37Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com