Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C870DF14300AA0R Datasheet (PDF) - Kemet Corporation

Part # C870DF14300AA0R
Description  C87, Cylindrical Aluminum Case, Overpressure Protection, 420 VAC/470 VAC
File Size   475.04 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C870DF14300AA0R Datasheet (PDF) - Kemet Corporation



Similar Part No. - C870DF14300AA0R

ManufacturerPart #DatasheetDescription
logo
EPCOS
C870 EPCOS-C870 Datasheet
436Kb / 16P
PTC thermistors for overcurrent protection
logo
Kemet Corporation
C870CF35160AA1J KEMET-C870CF35160AA1J Datasheet
400Kb / 10P
Motor Run Capacitors
C870CF35180AA0J KEMET-C870CF35180AA0J Datasheet
400Kb / 10P
Motor Run Capacitors
C870CF35200AA0J KEMET-C870CF35200AA0J Datasheet
400Kb / 10P
Motor Run Capacitors
C870CF35200AA1J KEMET-C870CF35200AA1J Datasheet
400Kb / 10P
Motor Run Capacitors
More results


Similar Description - C870DF14300AA0R

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20030 ERICSSON-PTB20030 Datasheet
44Kb / 3P
15 Watts, 420-470 MHz RF Power Transistor
PTB20031 ERICSSON-PTB20031 Datasheet
44Kb / 2P
40 Watts, 420-470 MHz RF Power Transistor
logo
Teledyne Technologies I...
XV46D30K TELEDYNE-XV46D30K Datasheet
85Kb / 2P
Single Output to 30A 420 Vac No Heat Sink, Hybrid Relay
logo
Schurter Inc.
AVTP SCHURTER-AVTP Datasheet
1Mb / 8P
Radial Leaded Varistor (MOV), 120 - 360 VAC, 160 - 470 VDC
logo
Kemet Corporation
FNC1005154472 KEMET-FNC1005154472 Datasheet
4Mb / 2P
Cylindrical Case Filters
C274AC25120AA0J KEMET-C274AC25120AA0J Datasheet
55Kb / 1P
Capacitor, film, 12 uF, /-5% Tol, 470 VAC, Motor Run
C274AC24300AA0J KEMET-C274AC24300AA0J Datasheet
55Kb / 1P
Capacitor, film, 3 uF, /-5% Tol, 470 VAC, Motor Run
C274AC24400AA0J KEMET-C274AC24400AA0J Datasheet
55Kb / 1P
Capacitor, film, 4 uF, /-5% Tol, 470 VAC, Motor Run
C274AC24100AA5J KEMET-C274AC24100AA5J Datasheet
412Kb / 10P
C27, Cylindrical Plastic Case, 275 – 470 VAC
F3062_C27 9/9/2022
C284ACA4300AL0J KEMET-C284ACA4300AL0J_V01 Datasheet
297Kb / 7P
C28, Cylindrical Plastic Case, Segmented Film 420 VAC/470 VAC
F3115_C28 12/20/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com